| Electronic Components Datasheet Search |
|
LM8300 Datasheet(PDF) 9 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM8300 Datasheet(HTML) 9 Page - National Semiconductor (TI) |
|
9 / 20 page ![]() 4.0 Functional Description (Continued) WD_Out — Watch dog output. For correct operation, this pin should be connected to the RESET pin. OSC_OUT — Clock oscillator output pin. OSC_IN — Clock oscillator input pin GND — Digital Ground AGND — Analog ground DV CC — Digital power supply. AV CC — Analog power supply. For best performance, this pin should be connected to a filter. Users of the LLP package are cautioned to be aware that the central metal area and the pin 1 index mark on the bottom of the package may be connected to GND. See figure below: 4.3 USART Framing Format The device communicates with the touch screen driver using the UART set at a baud rate of 38400, 8, n, 1. All communication from the host software and the controller consists of a command byte and occasionally data byte(s). If data byte(s) follow a command byte, it must be sent directly after the command byte. If the device is in the power save mode, a delay must be inserted between the wake up com- mand and the command byte. Refer to the Power Save mode section for more details. For every command byte sent to the controller, an acknowledge byte is sent back and sometimes data byte(s). A command byte is distinguished by having the 7th bit of the command byte set (1). If any data byte(s) is to follow, the 7th bit of the data byte is reset (0). Data packets sent to the host software can be either four or five bytes in length. If the pressure measurement is enabled, five bytes are sent. If the pressure measurement is not enabled, four bytes are sent. The first byte of each data packet is a header byte. This header byte is used to synchronize and differentiate between four or five byte packages. If a four byte data package is sent, the 4th bit of the header byte is reset (0). If a five byte data package is sent, the 4th bit of the header byte is set (1). The 6th bit of the second byte of the data packet is used to indicate the touch state. If the bit is set (1), then a touchdown or continuous touch is detected. If the bit is reset (0), then a liftoff is detected. 4.3.1. Data packet format table Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Byte 1 1 0 0 L 0 0 0 0 Byte 2 0 S X 2 X 1 X 0 Y 2 Y 1 Y 0 Byte 3 0 X 9 X 8 X 7 X 6 X 5 X 4 X 3 Byte 4 0 Y 9 Y 8 Y 7 Y 6 Y 5 Y 4 Y 3 Byte 5 0 Z 6 Z 5 Z 4 Z 3 Z 2 Z 1 Z 0 L - Package length. (0 = 4 bytes,1=5 bytes) S - Touch state (0 = liftoff, 1 = touchdown or continuous touch) X X - X position (10 bit value) Y Y - Y position (10 bit value) Z Z - Z positon (7 bit value), this byte is only transmitted if the pressure measurement is enabled 4.3.2 Command Bytes PC Command PC Byte 1 PC Byte 2 TSC Byte 1 TSC Byte 2 Read clock-speed (3,33MHz, 10MHz) $B0 $CA $00, $01 Read parameters $B1 $CA 4.3.3 Advanced Command Bytes Descriptions Read software version number $B2 $C7 4.3.3 Advanced Command Bytes Descriptions Read # of calibration points $B3 $CA $00, $02, $05, $0D Read stored calibration points $B4 $CA 4.3.3 Advanced Command Bytes Descriptions Set focus value (# of pixels on touch panel) $B8 $0-$3F $CA $00-$3F Set#of samples per coordinate (1, 2, 4, 8, 16, 32) $BA $01, $02, $04, $08, $10, $20 $CA $01, $02, $04, $08, $10, $20 Set communication mode (stream, touchdown, liftoff) $BB $01, $02, $04 $CA $01, $02, $04 20037216 FIGURE 1. LLP Package Bottom View www.national.com 9 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |