Electronic Components Datasheet Search
  English  ▼

X  

LM8300 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8300
Description  Four Wire Resistive Touchscreen Controller with Brownout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8300 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM8300 Datasheet HTML 7Page - National Semiconductor (TI) LM8300 Datasheet HTML 8Page - National Semiconductor (TI) LM8300 Datasheet HTML 9Page - National Semiconductor (TI) LM8300 Datasheet HTML 10Page - National Semiconductor (TI) LM8300 Datasheet HTML 11Page - National Semiconductor (TI) LM8300 Datasheet HTML 12Page - National Semiconductor (TI) LM8300 Datasheet HTML 13Page - National Semiconductor (TI) LM8300 Datasheet HTML 14Page - National Semiconductor (TI) LM8300 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
4.0 Functional Description (Continued)
$B2: Read software version number
Reply Byte #1: $C7 (Software version number)
Byte #2: First byte in version number, year 20 (00-99)
Byte #3: Second byte in version number, month (1-12)
Byte #4: Third byte in version number, day (1-31)
$B3: Read # of calibration points
Reply Byte #1: $CA (Acknowledge)
Byte #2: ($00 — no calibration done, $02 — 2 points,
$05 — 5 points or $0D — 13 points)
$B4: Read stored calibration points
Reply Byte #1: $CA (Acknowledge)
Byte #2: ($00 — no calibration done, $02 — 2 points,
$05 — 5 points or $0D — 13 points)
Byte #3: X-max (2 MSB for coordinate 1)
Byte #4: X-min (8 LSB for coordinate 1)
Byte #5: Y-max (2 MSB for coordinate 1)
Byte #6: Y-min (8 LSB for coordinate 1)
Continue until all coordinates have been sent. A zero is send
back if calibration has not been performed and there are no
data bytes.
$B8: Set focus value
Byte #2: Focus value (0-63)
Reply Byte #1: $CA (Acknowledge)
Byte #2: Focus value (0-63)
The set focus command allows the setting of different values
to improve touch screen focusing. Focusing is defined as the
ability of the touch screen controller to detect exactly identi-
cal coordinate values from measurement to measurement if
the pointer on the touch screen has not moved. The focus
values are equivalent to pixels of touch screen resolution. If
for example a value of 2 is selected, this means that every
coordinate value that is within two pixels of the previously
measured coordinate value is considered to be identical to
that previous value and that in this case the touch screen
controller transmits the previous coordinate information. This
keeps the mouse pointer steady at the point being touched,
rather than "jumping around" the point. A Focus value of zero
disables the focusing algorithm. The default setting is 4.
$BA: Set number of samples per coordinate
Byte #2: Number of samples per coordinate ($01 - 1
samples/coordinate, $02 - 2 samples/coordinate, $04
- 4 samples/coordinate, $08 - 8 samples/coordinate,
$10
-
16
samples/coordinate,
$20
-
32
samples/coordinate)
Reply Byte #1: $CA (Acknowledge)
Byte #2: Number of samples per coordinate ($01 - 1
samples/coordinate, $02 - 2 samples/coordinate, $04
- 4 samples/coordinate, $08 - 8 samples/coordinate,
$10
-
16
samples/coordinate,
$20
-
32
samples/coordinate)
This command allows the selection of different sample num-
bers per X, Y, and Z coordinates. The higher the number of
samples per X, Y, and Z coordinates, the better the accuracy,
but the lower the coordinates per second data rate. The
default setting is 8.
$BB: Set communication mode
Byte #2: Communication mode ($01 = stream, $02 =
touchdown, $04 = liftoff)
Reply Byte #1: $CA (Acknowledge)
Byte #2: Communication mode ($01 = stream, $02 =
touchdown, $04 = liftoff)
See the communication modes section for a description of
the stream, touchdown and liftoff modes. This command
selects the communication mode. The default setting is
stream mode.
$BC: Set max delta
Byte #2: Max delta value (0-63)
Reply Byte #1: $CA (Acknowledge)
Byte #2: Max delta value (0-63)
See the averaging algorithms section for a detailed descrip-
tion of this setting. Simply put, this command sets how much
the "coordinate velocity" can change from one coordinate to
the next. The default setting is 8.
$BD: Set calibration points
Byte #2: High nibble: Number of calibration points
($01 = two, $02 = five, $04 = thirteen)
Low nibble: Active calibration cross (1-13 = cross #)
Reply Byte #1: $CA (Acknowledge)
Byte #2: High nibble: Number of calibration points
($01=two, $02=five, $04=thirtheen)
Low nibble: Active calibration cross # (1-13)
Refer to the calibration section for details.
$BE: Set minimum pressure
Byte #2: Minimum pressure value (0-127)
Reply Byte #1: $CA (Acknowledge)
Byte #2: Minimum pressure value (0-127)
This setting controls how high the pressure (Z-axis) must be
in order for samples to be accepted. Setting this value too
low may result in having faulty coordinates accepted. This
value is internally multiplied by two in the controller (due to
the 7-bit limitation in the communication format, which can
not send 8-bit values larger than 127 in one byte). The
default setting is 40.
$A0: Toggle disable/enable external filter path
Reply Byte #1: $CA (Acknowledge)
Byte #2: (0 = now disabled, 1 = now enabled)
This command enable/disable external filter path. The exter-
nal filter path enabled option will require the addition of a
single external low pass filter (either R/C or active OpAmp
based), which is then applied to the touch screen signal
lines. This option can be used in high noise environments to
significantly improve performance and accuracy of the touch
screen controller.
The default setting is filter path enabled.
$A2: Toggle disable/enable self-power down
Reply Byte #1: $CA (Acknowledge)
Byte #2: (0 = now disabled, 1 = now enabled)
This command can switch between self-power down mode
enable or disabled. Refer to the Power Save Mode section
for details. The default setting is Self-Power Down mode
enabled. If the echo mode is enabled, any command byte
send to the device will be echo back and executed.
$A3: Toggle disable/enable echo mode
Reply Byte #1: $CA (Acknowledge)
Byte #2: (0 = now disabled, 1 = now enabled)
The echo mode is available for debugging purposes. If en-
abled, the touch screen controller will echo back any data
that is received via the UART interface.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com