Electronic Components Datasheet Search
  English  ▼

X  

LM8300 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8300
Description  Four Wire Resistive Touchscreen Controller with Brownout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8300 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM8300 Datasheet HTML 12Page - National Semiconductor (TI) LM8300 Datasheet HTML 13Page - National Semiconductor (TI) LM8300 Datasheet HTML 14Page - National Semiconductor (TI) LM8300 Datasheet HTML 15Page - National Semiconductor (TI) LM8300 Datasheet HTML 16Page - National Semiconductor (TI) LM8300 Datasheet HTML 17Page - National Semiconductor (TI) LM8300 Datasheet HTML 18Page - National Semiconductor (TI) LM8300 Datasheet HTML 19Page - National Semiconductor (TI) LM8300 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
9.0 Calibration (Continued)
9.1 General Calibration Procedures
Calibration is invoked by sending a command byte of $BD
followed by a command byte to the device. The command
byte is broken into two parts: the high nibble states the
number of calibration points to performs and the lower nibble
states the active calibration point. For example, to do the first
calibration point for the two point calibration, the command
bytes of $BD and $11 are sent to the device. The device then
echos $BD and $11 back to the TS driver and waits for a
touch on the panel. When a touch is detected, the device
checks to see if the point is within the specified parameters
if the calibration point checking is enabled. If the calibration
point checking is disabled, the device will send a $C8 for OK
byte to the TS driver regardless of where the touch was
detected. This calibration point checking can be enabled or
disabled by sending a command byte of $A5 to the device.
When all the calibration points are done, the device will do a
self-test and send a command of $CB for OK or a command
of $CC for failed. If a $CC is received, the TS driver should
issue a warning stating the calibration was not done properly
and redo the calibration procedures. The flowchart for the
calibration procedures is shown in Figure 8.
20037210
FIGURE 8. Calibration Procedures with Coordinates Checking Enabled
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com