Electronic Components Datasheet Search
  English  ▼

X  

591D Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 591D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 591D Datasheet HTML 2Page - Vishay Siliconix 591D Datasheet HTML 3Page - Vishay Siliconix 591D Datasheet HTML 4Page - Vishay Siliconix 591D Datasheet HTML 5Page - Vishay Siliconix 591D Datasheet HTML 6Page - Vishay Siliconix 591D Datasheet HTML 7Page - Vishay Siliconix 591D Datasheet HTML 8Page - Vishay Siliconix 591D Datasheet HTML 9Page - Vishay Siliconix 591D Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
96
591D
Vishay Sprague
Document Number 40012
Revision 22-Nov-04
For technical questions, contact tantalum@vishay.com
6.
Printed Circuit Board Materials: The capacitors are
compatible with most commonly used printed circuit
board materials (alumina substrates, FR4, FR5,
G10, PTFE-fluorocarbon and porcelanized steel). If
your desired board material is not shown there please
contact the Tantalum Marketing Department for
assistance in determining compatibility.
7.
Attachment:
7.1
Solder Paste: The recommended thickness of the
solder paste after application is 0.007" ± 0.001"
[0.178mm ± 0.025mm]. Care should be exercised in
selecting the solder paste. The metal purity should
be as high as practical. The flux (in the paste) must
be active enough to remove the oxides formed on the
metallization prior to the exposure to soldering heat.
7.2
Soldering: Capacitors can be attached by
conventional soldering techniques - convection,
infrared reflow, wave soldering and hot plate methods.
The Soldering Profile chart shows typical recomended
time/temperature conditions for soldering. Attachment
with a soldering iron is not recommended due to the
difficulty of controlling temperature and time at
temperature. The soldering iron must never come in
contact with the capacitor.
5.
Power Dissipation: Power dissipation will be affected
by the heat sinking capability of the mounting surface.
Non-sinusoidal ripple current may produce heating
effects which differ from those shown. It is important
that the equivalent
Irms value be established when
calculating permissible operating levels. (Power
dissipation calculated using + 25°C temperature rise.)
7.1
Recommended Mounting Pad Geometries: The
nib must have sufficient clearance to avoid electrical
contact with other components. The width dimension
indicated is the same as the maximum width of the
capacitor. This is to minimize lateral movement.
8.
Cleaning (Flux Removal) After Soldering: The
capacitors are compatible with all commonly used
solvents such as TES, TMS, Prelete, Chlorethane,
Terpene and aqueous cleaning media. Solvents
containing methylene chloride or other epoxy solvents
should be avoided since these will attack the epoxy
encapsulation material.
Case Code
Maximum Permissible
Power Dissipation
@ + 25
°C (Watts) in free air
A
B
C
D
R
U
V
W
0.075
0.085
0.110
0.150
0.165
0.110
0.140
0.175
Temperature
Derating Factor
+ 25°C
+ 85°C
+ 125°C
1.0
0.9
0.4
4.0
Reverse Voltage: These capacitors are capable of
withstanding peak voltages in the reverse direction
equal to 10% of the DC rating or 1 volt maximum at
+ 25°C and 5% of the DC voltage rating or 0.5 volt
maximum at + 85°C.
5.0
Temperature Derating: If these capacitors are to be
operated at temperatures above + 25°C, the
permissible rms ripple current or voltage shall be
calculated using the derating factors as shown:
* Pads for B, C and D case codes are otherwise pad compatible with
* Type 293D, B, C and D case codes respectively.
REFLOW SOLDER PADS* in inches [millimeters]
A
B
B
C
CASE
WIDTH
PAD
SEPARATION
CODE
(A)
METALIZATION
(C)
A
0.083
0.067
0.050
[2.1]
[1.7]
[1.3]
B
0.138
0.067
0 .067
[3.5]
[1.7]
[1.7]
C
0.138
0.090
0.127
[3.5]
[2.3]
[3.1]
D
0.180
0.090
0.145
[4.6]
[2.3]
[3.7]
R
0.322
0.090
0.145
[8.1]
[2.3]
[3.7]
U
0.138
0.090
0.122
[3.5]
[2.3]
[3.1]
V
0.180
0.090
0.145
[4.6]
[2.3]
[3.7]
W
0.327
0.090
0.145
[8.3]
[2.3]
[3.7]
250
200
150
100
50
TIME (SECONDS)
0
50
100
150
200
250
300
350
RECOMMENDED REFLOW SOLDERING PROFILE
GUIDE TO APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com