Electronic Components Datasheet Search
  English  ▼

X  

591D Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 591D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 591D Datasheet HTML 2Page - Vishay Siliconix 591D Datasheet HTML 3Page - Vishay Siliconix 591D Datasheet HTML 4Page - Vishay Siliconix 591D Datasheet HTML 5Page - Vishay Siliconix 591D Datasheet HTML 6Page - Vishay Siliconix 591D Datasheet HTML 7Page - Vishay Siliconix 591D Datasheet HTML 8Page - Vishay Siliconix 591D Datasheet HTML 9Page - Vishay Siliconix 591D Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.vishay.com
98
591D
Vishay Sprague
Document Number 40012
Revision 22-Nov-04
For technical questions, contact tantalum@vishay.com
Notes:
1. A
0B0K0 are determined by the maximum dimensions to the ends of the terminals extending from the component body and/or the body
dimensions of the component. The clearance between the ends of the terminals or body of the component to the sides and depth of the
cavity (A
0B0K0) must be within .002" [0.05mm] minimum and .020" [0.50mm] maximum.
The clearance allowed must also prevent
rotation of the component within the cavity of not more than 20 degrees.
2. Tape with components shall pass around radius "R" without damage. The minimum trailer length may require additional length to
provide R minimum for 12mm embossed tape for reels with hub diameters approaching N minimum.
3. This dimension is the flat area from the edge of the sprocket hole to either the outward deformation of the carrier tape between the
embossed cavities or to the edge of the cavity whichever is less.
4. This dimension is the flat area from the edge of the carrier tape opposite the sprocket holes to either the outward deformation of the
carrier tape between the embossed cavity or to the edge of the cavity whichever is less.
5. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of
embossment location and hole location shall be applied independent of each other.
6. B
1 dimension is a reference dimension for tape feeder clearance only.
TAPE AND REEL PACKAGING in inches [millimeters]
Please Note: Metric dimensions will govern. Dimensions in inches are rounded and for reference only.
8mm
12mm
12mm
Double Pitch
TAPE
SIZE
0.179
[4.55]
0.323
[8.2]
0.323
[8.2]
B
1
(Max.)
(Note 6)
0.039
[1.0]
0.059
[1.5]
0.059
[1.5]
D
1
(Min.)
(Note 5)
0.138 ± 0.002
[3.5 ± 0.05]
0.217 ± 0.002
[5.5 ± 0.05]
0.453 ± 0.004
[11.5 ± 0.03]
F
A
0 B0 K0
0.315 + 0.012 - 0.004
[8.0 + 0.3 - 0.1]
0.472 ± 0.012
[12.0 ± 0.30]
0.945 ± 0.012
[24.0 ± 0.03]
W
0.098
[2.5]
0.256
[6.5]
0.256
[6.5]
T
2
(Max.)
0.984
[25.0]
1.181
[30.0]
1.181
[30.0]
R (Min.)
(Note 2)
P
1
(Note 1)
0.157 ± 0.004
[4.0 ± 0.10]
0.157 ± 0.004
[4.0 ± 0.10]
0.315 ± 0.004
[8.0 ± 0.10]
Tape and Reel Specifications: All case sizes are available
on plastic embossed tape per EIA-481-1. Tape reeling per
IEC 286-3 is also available. Standard reel diameter is 7"
[178mm]. 13" [330mm] reels are available and recommended
as the most cost effective packaging method.
The most efficient packaging quantities are full reel increments
on a given reel diameter. The quantities shown allow for the
sealed empty pockets required to be in conformance with
EIA-481-1. Reel size and packaging orientation must be
specified in the Vishay Sprague part number.
Camber
(Top View)
Allowable Camber to be .039/3.937 [1/100]
Non-Cumulative Over 9.843 [250.0]
.039 [1.0]
Max.
Tape
(Top View)
USER DIRECTION OF FEED
.030 [0.75]
Min. (Note 3)
Center Lines
of Cavity
A
0
P
1
.030 [0.75]
Min. (Note 4)
Top
Cover
Tape
.059 + .004 - 0.0
[1.5 + 0.10 - 0.0]
Deformation
Between
Embossments
Embossment
Maximum
Cavity Size
(Note 1)
.079
± .002
[2.0
± 0.05]
.157
± .004
[4.0
± 0.10]
F
.069
± .004
[1.75
± 0.10]
10 Pitches Cumulative
Tolerance on Tape
± 0.008 [0.200]
20
° Maximum
Component Rotation
.039 [1.0] Max.
9.843 [250.0]
3.937 [100.0]
Top
Cover
Tape
D
1 Min. For Components
.079 x .047 [2.0 x 1.2] and Larger.
(Note 5)
T
2
Max.
.024
[0.600]
Max.
B
1 Max.
(Note 6)
.004 [0.10]
Max.
For Tape Feeder
Reference only
including draft.
Concentric around B
0
(Note 5)
Typical
Component
Cavity
Center Line
Typical
Component
Center Line
B
0
A
0
B
0
W
(Side or Front Sectional View)
Maximum
Component
Rotation
20
°
K
0
DIRECTION OF FEED
Cathode (-)
Anode (+)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com