Electronic Components Datasheet Search
  English  ▼

X  

591D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 591D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D Datasheet(HTML) 3 Page - Vishay Siliconix

  591D Datasheet HTML 1Page - Vishay Siliconix 591D Datasheet HTML 2Page - Vishay Siliconix 591D Datasheet HTML 3Page - Vishay Siliconix 591D Datasheet HTML 4Page - Vishay Siliconix 591D Datasheet HTML 5Page - Vishay Siliconix 591D Datasheet HTML 6Page - Vishay Siliconix 591D Datasheet HTML 7Page - Vishay Siliconix 591D Datasheet HTML 8Page - Vishay Siliconix 591D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.vishay.com
91
591D
Vishay Sprague
Document Number 40012
Revision 22-Nov-04
For technical questions, contact tantalum@vishay.com
STANDARD / EXTENDED RATINGS
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER**
Max. DCL
@ + 25
°C
(
µA)
Max. DF
@ + 25
°C
120 Hz
(%)
Max. ESR
@ + 25
°C
100kHz
(Ohms)
Max. RIPPLE
100kHz
Irms
(Amps)
* Preliminary values contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended ratings are in bold print.
** Denotes 1.8mm maximum height.
10 WVDC @ + 85
°C, SURGE = 13 V . . . 7 WVDC @ + 125°C, SURGE = 8 V
16 WVDC @ + 85
°C, SURGE = 20 V . . . 10 WVDC @ + 125°C, SURGE = 12 V
10
A
591D106X_010A2T
1.0
6
1.300
0.24
10
B
591D106X_010B2T
1.0
6
0.850
0.31
22
B
591D226X_010B2T
2.2
6
0.800
0.32
22
C
591D226X_010C2T
2.2
6
0.200
0.74
33
C
591D336X_010C2T
3.3
6
0.200
0.74
33
D
591D336X_010D2T
3.3
6
0.140
1.04
47
D
591D476X_010D2T
4.7
6
0.140
1.04
47
R
591D476X_010R2T
4.7
6
0.120
1.17
68
C
591D686X_010C2T
6.8
6
0.190
0.76
68
D
591D686X_010D2T
6.8
6
0.130
1.15
68
R
591D686X_010R2T
6.8
6
0.110
1.22
100
D
591D107X_010D2T
10.0
8
0.130
1.07
100
U
591D107X_010U2T
10.0
8
0.085
1.13
150
V
591D157X_010V2T
15.0
8
0.075
1.37
150
U
591D157X_010U2T
15.0
8
0.080
1.17
220
W
591D227X_010W2T
22.0
8
0.055
1.78
220
V
591D227X_010V2T
22.0
8
0.065
1.47
330
W
591D337X_010W2T
33.0
8
0.050
1.87
330
W
591D337X_010W2T007**
33.0
8
0.050
1.87
4.7
A
591D475X_016A2T
0.8
6
1.750
0.19
6.8
A
591D685X_016A2T
1.1
6
1.750
0.19
10
B
591D106X_016B2T
1.6
6
0.800
0.32
10
C
5910106X_016C2T
1.6
6
0.500
0.45
15
D
591D156X_016D2T
2.4
6
0.250
0.77
22
C
591D226X_016C2T
3.5
6
0.240
0.67
22
D
591D226X_016D2T
3.5
6
0.180
0.91
33
C
591D336X_016C2T
5.3
6
0.250
0.66
33
D
591D336X_016D2T
5.3
6
0.170
0.94
33
R
591D336X_016R2T
5.3
6
0.140
1.08
47
R
591D476X_016R2T
7.5
6
0.130
1.12
47
U
591D476X_016U2T
7.5
6
0.180
0.78
68
V
591D686X_016V2T
10.9
6
0.080
1.32
68
U
591D686X_016U2T
10.9
6
0.100
1.05
100
V
591D107X_016V2T
16.0
8
0.075
1.37
150*
W*
591D157X_016W2T*
24.0*
8*
0.060*
1.71*
4.7
A
591D475X_020A2T
0.9
6
1.900
0.18
4.7
B
591D475X_020B2T
0.9
6
1.600
0.22
6.8
B
591D685X_020B2T
1.4
6
1.600
0.22
6.8
C
591D685X_020C2T
1.4
6
0.400
0.52
10
B
591D106X_020B2T
2.0
6
1.500
0.23
10
D
591D106X_020D2T
2.0
6
0.270
0.75
15
C
591D156X_020C2T
3.0
6
0.300
0.60
15
R
591D156X_020R2T
3.0
6
0.180
0.91
22
D
591D226X_020D2T
4.4
6
0.200
0.87
22
R
591D226X_020R2T
4.4
6
0.140
1.09
22*
V*
591D226X_020V2T*
4.4*
6*
0.150*
0.90*
22*
U*
591D226X_020U2T*
4.4*
6*
0.375*
0.54*
33
R
591D336X_020R2T
6.6
6
0.140
1.08
33*
V*
591D336X_020V2T*
6.6*
6*
0.200*
0.73*
20 WVDC @ + 85
°C, SURGE = 26 V . . . 13 WVDC @ + 125°C, SURGE = 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com