Electronic Components Datasheet Search
  English  ▼

X  

0809062000 Datasheet(PDF) 102 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 98Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 99Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 100Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 101Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 102Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 103Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 104Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 105Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 106Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 164 page
background image
www.Rose-Bopla.com
100
Description
Protection
Classification
Dimensions
mm
Dimensions
Inches
L x W x H
L x W x H
• The construction design permits parallel or inclined arrangement of the half-shells,
as well as lengthwise and crosswise use
• Can be used for graphic-capable displays or as a membrane keypad model with
continuous membrane keypad
• Ingress protection up to IP 65 depending on design.
• Can be adapted to customers individual requirements with membrane keypads
and displays as well as mechanical processing and printing
Technical Data
Color
Material
Protection Classifications
Enclosure: graphite gray, similar to RAL 7024. Light gray, similar to RAL 7035.
Silver coated (minimum order 100 pieces) Special colors on request
ABS plastic
IP 40, without seal
IP 65 DIN EN 60529, with seal
BOS-Streamline
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
119.3 x 64.9 x 26.5
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
4.70 x 2.55 x 1.04
IP 40/IP 65*
IP 40/IP 65*
IP 40/IP 65*
IP 40/IP 65*
IP 40/IP 65*
IP 40/IP 65*
IP 40
IP 40
IP 40
IP 40
IP 40
IP 40
IP 65
IP 65
IP 65
IP 65
IP 65
IP 65
IP 40/IP 65*
IP 40/IP 65*
IP 40/IP 65*
IP 40/IP 65*
IP 40/IP 65*
IP 40/IP 65*
IP 65
IP 65
IP 65
IP 65
IP 65
IP 65
Model
Number
Part
Number
BS 400 F-7024
BS 400 F-7035
BS 400 F-S**
BS 400 DIS-7024
BS 400 DIS-7035
BS 400 DIS-S**
BS 401 F-7024
BS 401 F-7035
BS 401-F-S**
BS 401 DIS-7024
BS 401 DIS-7035
BS 401 DIS-S**
BS 402 F-7024
BS 402 F-7035
BS 402 F-S**
BS 402 DIS-7024
BS 402 DIS-7035
BS 402 DIS-S**
BS 403 F-7024
BS 403 F-7035
BS 403 F-S*
BS 403 DIS-7024
BS 403 DIS-7035
BS 403 DIS-S**
BS 404 F-7024
BS 404 F-7035
BS 404 F-S**
BS 404 DIS-7024
BS 404 DIS-7035
BS 404 DIS-S**
82400124 00
82400135 00
82400100 00
82400224 00
82400235 00
82400200 00
82401124 00
82401135 00
82401100 00
82401224 00
82401235 00
82401200 00
82402124 00
82402135 00
82402100 00
82402224 00
82402235 00
82402200 00
82403124 00
82403135 00
82403100 00
82403224 00
82403235 00
82403200 00
82404124 00
82404135 00
82404100 00
82404224 00
82404235 00
82404200 00
Continuous membrane surface, graphite gray similar to RAL 7024
Continuous membrane surface, light gray, similar to RAL 7035
Continuous membrane surface, silver
With display cut-out, graphite gray, similar to RAL 7024
With display cut-out, light gray, similar to RAL 7035
With display cut-out, silver
Continuous membrane surface, battery compartment 3 AAA, graphite gray, similar to RAL 7024
Continuous membrane surface, battery compartment 3 AAA, light gray, similar to RAL 7035
Continuous membrane surface, battery compartment 3 AAA, silver
With display cut-out, battery compartment 3 AAA, graphite gray, similar to RAL 7024
With display cut-out, battery compartment 3 AAA, light gray, similar to RAL 7035
With display cut-out, battery compartment 3 AAA, silver
Continuous membrane surface, fitted round cord seal, graphite gray, similar to RAL 7024
Continuous membrane surface, fitted round cord seal, light gray, similar to RAL 7035
Continuous membrane surface, fitted round cord seal, silver
With display cut-out, fitted round cord seal, graphite gray, similar to RAL 7024
With display cut-out, fitted round cord seal, light gray, similar to RAL 7035
With display cut-out, fitted round cord seal, silver
Continuous membrane surface, battery compartment 3 AAA, graphite gray, similar to RAL 7024
Continuous membrane surface, battery compartment 3 AAA, light gray, similar to RAL 7035
Continuous membrane surface, battery compartment 3 AAA, silver
With display cut-out, battery compartment 3 AAA, graphite gray, similar to RAL 7024
With display cut-out, battery compartment 3 AAA, light gray, similar to RAL 7035
With display cut-out, battery compartment 3 AAA, silver
Continuous membrane surface, battery compartment 3 AAA, fitted round cord seal graphite gray similar to RAL 7024
Continuous membrane surface, battery compartment 3 AAA, fitted round cord seal, light gray, similar to RAL 7035
Continuous membrane surface, battery compartment 3 AAA, fitted round cord seal, silver
With display cut-out, battery compartment 3 AAA, fitted round cord seal, graphite gray, similar to RAL 7024
With display cut-out, battery compartment 3 AAA, fitted round cord seal, light gray, similar to RAL 7035
With display cut-out, battery compartment 3 AAA, fitted round cord seal, silver
Included in delivery
BS 400/402/600/602/800/802 F: Lid and base, 4 screws
BS 401/403/404/601/603/604/801/803/804 F: Lid and base, 4
screws, battery compartment including screws, battery contacts
BS 400/402/600/602/800/802 DIS: Lid and base, display
window, adhesive film, 4 screws
BS 401/403/404/601/603/604/801/803/804 DIS: Lid and base,
display window, adhesive film, 4 screws, battery compartment
lid including screws, battery contacts
* IP 65 and anti-knock protection when decorative seal BS 400 DI-D... is used
**Available on request - minimum order quantity 100 pieces
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com