Electronic Components Datasheet Search
  English  ▼

X  

0809062000 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 16Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 17Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 18Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 19Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 20Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 21Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 22Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 23Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 164 page
background image
www.Rose-Bopla.com
18
PC External
Hinge
approx.
150°
ABS
Polycarbonate
External
Brackets
• Light-weight plastic enclosures for industrial applications
• Polycarbonate enclosure with standard or transparent lid
• Optional RFI version with coating
Standard Polycarbonate / ABS Enclosures
Included in delivery
Plastic enclosure consisting of lid with seal and captive
stainless steel lid screws; base with 2 self-tapping screws
for fastening internal components.
Technical Data
Material
Ingress Protection
Surface Resistance
Disruptive Strength
Insulation
Flammability
Impact Resistance
Temperature Range
Color
Toxicity
Polycarbonate
IP 66 EN 60529
>1012 OHm, DIN 53481
> 18 KV/mm, DIN 53481
Fully insulated, VDE 0100
UL 94 V0
>7Nm to EN 50014
-40°F to + 212°F (neoprene gasket)
Light gray, similar to RAL 7035. Special colors on request.
Halogen-free
IP 66 to EN 60529
4x1014 Ohm, VDE 0303 DIN 53486
24 Kv/mm VDE 03032 DIN 53481
Fully insulated VDE 0100
UL 94 HB
-40°F to +212°F (neoprene gasket)
Light gray, similar to RAL 7035. Special colors on request.
Halogen-free
UL 50
UL 508
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Polycarbonate
Enclosure
Part Number
Polycarbonate
Enclosure with
Transparent Lid
Part Number
ABS
Enclosure
Part Number
Dimensions
mm
Dimensions
Inches
Mounting
Plate
Silicone
Lid Seal
Rubber
Feet
03050504 00
03050704 00
03080806 00
03080809 00
03081206 00
03081209 00
03081606 00
03081609 00
03082309 00
03121206 00
03121209 00
03121211 00
03121609 00
03121614 00
03122008 00
03122009 00
03122410 00
03152008 00
03162409 00
03162412 00
03163610 00
03203615 00
03233009 00
03233011 00
-
33050504 00
33050704 00
33080806 00
33080809 00
33081206 00
33081209 00
33081606 00
33081609 00
-
33121206 00
33121209 00
33121211 00
33121609 00
33121614 00
33122008 00
33122008 00
33122410 00
33152008 00
33162409 00
33162412 00
-
33203615 00
33233009 00
33233011 00
-
09050504 00
09050704 00
09080806 00
09080809 00
09081206 00
09081209 00
09081606 00
09081609 00
09082309 00
09121206 00
09121209 00
09121211 00
09121609 00
09121614 00
09122008 00
09122009 00
09122410 00
09152008 00
09162409 00
09162412 00
09163610 00
09203615 00
09233009 00
09233011 00
09403615 00
W x L x H
W x L x H
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
2
2
2
2
2
2
2
2
2.5
2.53)
2.5
2.5
2.5
2
2
23)
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
50 x 52 x 35
50 x 65 x 35
80 x 82 x 55
80 x 82 x 85
80 x 120 x 55
80 x 120 x 85
80 x 160 x 55
80 x 160 x 85
80 x 230 x 85
120 x 122 x 55
120 x 122 x 90
120 x 122 x 105
120 x 160 x 90
120 x 160 x 140
120 x 200 x 75
120 x 200 x 90
120 x 240 x 100
150 x 200 x 75
160 x 240 x 90
160 x 240 x 120
160 x 360 x 100
200 x 360 x 150
230 x 300 x 85
230 x 300 x 110
360 x 400 x 150
1.97 x 2.05 x 1.38
1.97 x 2.56 x 1.38
3.18 x 3.23 x 2.17
3.15 x 3.23 x 3.35
3.15 x 4.72 x 2.17
3.15 x 4.72 x 3.35
3.15 x 6.30 x 2.17
3.15 x 6.30 x 3.35
3.15 x 9.06 x 3.35
4.72 x 4.80 x 2.17
4.72 x 4.80 x 3.35
4.72 x 4.80 x 3.35
4.72 x 4.80 x 4.13
4.72 x 6.30 x 3.54
4.72 x 6.30 x 5.51
4.72 x 7.87 x 2.95
4.72 x 7.87 x 3.54
4.72 x 9.45 x 3.94
5.91 x 7.87 x 2.95
6.30 x 9.45 x 3.54
6.30 x 9.45 x 4.72
6.30 x 14.17 x 3.98
7.87 x 14.17 x 5.87
9.06 x 11.81 x 3.35
9.06 x 11.81 x 4.33
3) Galvanized sheet steel
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com