Electronic Components Datasheet Search
  English  ▼

X  

0809062000 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 22Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 23Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 24Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 25Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 26Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 27Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 28Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 29Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 164 page
background image
www.Rose-Bopla.com
24
• Four new flat versions round off this innovative and successful IP 65 enclosure line.
• Made from either high-quality polycarbonate or cost-effective ABS, this enclosure line
offers a wide range of benefits due to its easy-to-use screw-mounting system and
additional mounting bosses in the base.
• Versions with a recessed membrane keypad area (F) and/or PCB plug-in-slots
(LP/FLP) are ideal for use as electronic enclosures.
• This enclosure is especially easy to recycle because there are no molded-in metal
parts, and in each case only one type of plastic is used.
Polycarbonate Watertight EM/ABS Watertight ET
Included in delivery
Enclosure base with lid; self-tapping coarse thread lid
screws made of V2A; max. screwing force 45 Ncm.
Technical Data
Material
Ingress Protection
Color
Flammability
Temperature Range
Surface Resistance
Disruptive Strength
Polycarbonate
IP 65 DIN EN 60529
Light gray, similar to RAL 7035. Special colors on request
UL V2/1.14
Neoprene Gasket -40°F to +212°F
Silicone Gasket -76°F to +266°F
RFI Gasket
-40°F to +392°F
>1015 Ohm to DIN 53482
28 KV/mm DIN 53481
ABS
IP 65 DIN EN 60529
Light gray, similar to RAL 7035. Special colors on request
UL 94 HB/1.6
Neoprene Gasket -40°F to +212°F
Silicone Gasket -76°F to +266°F
RFI Gasket
-40°F to +392°F
>1014 Ohm DIN 53482
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com