Electronic Components Datasheet Search
  English  ▼

X  

0809062000 Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 89Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 90Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 91Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 92Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 93Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 94Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 95Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 96Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
91
Accessories
Description
29211000 00
29212000 00
29213000 00
29214000 00
29215000 00
2.5
2.5
2.5
2.5
2.5
63.5
63.5
63.5
63.5
63.5
External wall mounting bracket
Extra power cable PG 11
Extra power cable PG 16
Magnetic holder, self-adhesive
External wall mounting bracket for 29214000 and 29215000
10094657 00
10087222 00
10087224 00
29000080 00
10094657 00
• Polyamide hand held enclosure for automation and control technology
• Version with handle and integrated cable exit
• Large component space
Mobile Controls Units 2921
Included in delivery
Enclosure with handle, including cable gland M 20 x 1.5,
front panel, enclosure and front panel screws, and
wall-mount bracket.
Technical Data
Material Body
Cable Gland Material
Front Panel Material
Body color
Ingress Protection
Impact Resistance
Gasket Material
Temperature Resistance
Polyamide
Polyamide
Black Polyester
Yellow, similar to RAL 1021
IP 65 to EN 60529, NEMA 12
>7 Nm, EN 50014
Stamped foam rubber
-40° to +140°F
Part
Number
Mounting
Depth
mm
Mounting
Depth
Inches
Enclosure
Type
Dimensions
Including
Handle
mm
Dimensions
Including
Handle
Inches
W x L x H
W x L x H
W x H
W x H
Pilot 110
Pilot 120
Pilot 130
Pilot 140
Pilot 150
85 x 85 x 206
115 x 85 x 206
85 x 85 x 236
160 x 85 x 226
105 x 85 x 281
77 x 77
107 x 77
77 x 107
152 x 97
97 x 152
3.35 x 3.35 x 8.11
4.53 x 3.35 x 8.11
3.35 x 3.35 x 9.29
6.30 x 3.35 x 8.90
4.13 x 3.35 x 11.06
3.03 x 3.03
4.21 x 3.03
3.03 x 4.21
5.98 x 3.82
3.82 x 5.98
Part Number
Dimensions
Front
Panel
mm
Dimensions
Front
Panel
Inches
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com