Electronic Components Datasheet Search
  English  ▼

X  

0809062000 Datasheet(PDF) 131 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 131 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 127Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 128Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 129Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 130Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 131Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 132Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 133Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 134Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 135Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
129
7
9
11
13.5
16
21
29
36
42
48
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
M 50 x 1.5
M 63 x 1.5
3.5 - 6
4 - 8
5 - 10
6 - 12
10 - 14
13 - 18
18 - 25
22 - 32
32 - 38
37 - 44
3 - 6.5
4 - 8
6 - 12
13 - 18
18 - 25
22 - 30
32 - 38
37 - 44
50
50
50
50
50
50
25
1
1
1
50
10
10
10
10
5
1
1
08040707 00
08040709 00
08040711 00
08040713 00
08040716 00
08040721 00
08040729 00
08040736 00
08040742 00
08040748 00
08080812 00
08080816 00
08080820 00
08080825 00
08080832 00
08080840 00
08080850 00
08080863 00
Type
Cable Ø
Pcs/Pack
Part Number
PG
Brass Ex Cable Gland with Seal
Metric
7
9
11
13.5
16
21
29
36
42
48
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
M 50 x 1.5
M 63 x 1.5
50
50
50
50
50
50
25
10
10
10
50
50
50
25
10
5
5
08080907 00
08080909 00
08080911 00
08080913 00
08080916 00
08080921 00
08080929 00
08080936 00
08080942 00
08080948 00
08090816 00
08090820 00
08090825 00
08090832 00
08090840 00
08090850 00
08090863 00
Type
Cable Ø
Pcs/Pack
Part Number
PG
Brass Ex Blind Plug
Metric
Brass Cable Glands Ex Version
II 2 G/D
Type
Certification
Ingress Protection
Temperature Range
Brass Ex Cable Gland with Seal
acc. guideline 94/9/EG
IP 68
-4°F to +221°F
II 2 G/D
Type
Certification
Ingress Protection
Temperature Range
Brass Ex Blind Plug
acc. guideline 94/9/EG
IP 68
-22°F to +194°F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com