Electronic Components Datasheet Search
  English  ▼

X  

0809062000 Datasheet(PDF) 149 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 149 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 145Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 146Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 147Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 148Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 149Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 150Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 151Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 152Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 153Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
147
Specifications
Industrial
Commercial
Silicone
Ag/glass
0.01
65
1.8
150
75/300
25
30
-55
160
50
100
100
90
80
N/A
N/A
0.01
0.01
NS
EMI/RFI Coatings and Gaskets
EMI/RFI SHIELDED
COATINGS
EMI/RFI SHIELDED
STANDARD GASKETS
We offer the Isolex WP 120 nickel acrylic conductive coating as our standard EMI/RFI coating. Upon request we also have
available Electro DAG 7050, copper acrylic conductive coating.
Detailed spec sheet is available upon request.
All data supplied is from manufacturer’s engineering data sheets.
We offer the Cho-Seal 1350 gasket as our standard EMI/RFI gasket.
Cho-Seal is a silver-plated glass-filled material and will not remain sufficiently conductive during vibration or after EMP-induced
currents.
MIL-G-83528
Para. 4.6.11
ASTM D2240
ASTM D792
ASTM D412
ASTM D412
ASTM D624
ASTM D395
Method B
ASTM D1329
MIL-G-83528
Para. 4.6.12
MIL-G-83528
Para. 4.6.15
MIL-G-83528
Para. 4.6.13
MIL-G-83528
Para. 4.6.9
MIL-G-83528
Para. 4.6.16
Grade
Elastomer Binder
Conductive Filler
Volume Resistivity
(ohm-cm, max) as supplied
Durometer (shore A±5)
Specific Gravity (±0.2)
Tensile Strength (psi, min)
Elongation
(percent, min/max)
Tear Strength (lb./in., min.)
Compression Set, 70 hrs @ 100° C
(percent, max)
Low Temperature Flex, TRIO
(° C, minimum)
Maximum Continuous Use
Temperature (° C)
200 kHz (H Field)
100 MHz (E Field)
500 MHz (E Field)
2 GHz (Plane Wave)
10 GHz (Plane Wave)
Heat Aging
Vibration
During
Resistance
After
Post Tensile Set
EMP Survivability (KA)
Test Standard
Cho-Seal 1350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com