Electronic Components Datasheet Search
  English  ▼

X  

0809062000 Datasheet(PDF) 157 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 157 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 153Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 154Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 155Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 156Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 157Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 158Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 159Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 160Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 161Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
155
630
800
±2.50
±2.40
Tolerances
Plastic
*Important: We assume no liability for quoted standards!
Deviations from the nominal dimensions are unavoidable in the manufacture of plastic shapes.
There are various reasons for the deviations:
a) Processing parameters. These are dependent on:
• the evenness of the shape
the setting of the machine
the temperature of the tools
the distortion of the tool under pressure
b) The condition of the tool:
manufacturing tolerances for tool dimensions (see DIN 16749)
wear on tools
deviations in the position of movable tool parts.
The tolerances for this norm have been laid down taking into account these factors and numerous measurements in practice.
The plastics in this norm are divided into tolerance rows. All the plastics used by Rose
+Bopla for standard enclosures are in
row 130, for which tolerances given below apply. The tolerances apply on the basis of the machining shrinkage working into
the tool only for the appropriate enclosure with the standard material stated.
over
up to
A
B
over
up to
A
B
90
120
±0.51
±0.41
120
160
±0.60
±0.50
160
200
±0.70
±0.60
200
250
±0.90
±0.80
250
315
±1.10
±1.00
315
400
±1.30
±1.20
400
500
±1.60
±1.50
500
630
±2.00
±1.90
800
1000
±3.00
±2.90
0
1
±0.18
±0.08
1
3
±0.19
±0.09
3
6
±0.20
±0.10
6
10
±0.21
±0.11
10
15
±0.23
±0.13
15
22
±0.25
±0.15
22
30
±0.27
±0.17
30
40
±0.30
±0.20
40
53
±0.34
±0.24
53
70
±0.38
±0.28
70
90
±0.44
±0.34
Nominal dimension area
A = Dimensions which are not tool specific are those formed by the interaction of movable tool
parts, e.g. wall thicknesses and floor thicknesses or dimensions which are affected by
additives or pushers.
B = Tool-specific dimensions are those in the same part of the tool.
TOLERANCES OF
PLASTICS ACCORDING TO
DIN 16901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com