Electronic Components Datasheet Search
  English  ▼

X  

0809072000 Datasheet(PDF) 110 Page - List of Unclassifed Manufacturers

Part # 0809072000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809072000 Datasheet(HTML) 110 Page - List of Unclassifed Manufacturers

Back Button 0809072000 Datasheet HTML 106Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 107Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 108Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 109Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 110Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 111Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 112Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 113Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 114Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 164 page
background image
www.Rose-Bopla.com
108
106/75 x 187 x 50
106/75 x 187 x 50
116/85 x 220 x 51
116/85 x 220 x 51
380 x 117 x 68
• Hand enclosure for potentially explosive environments
• 3 enclosure sizes 180, 220, 380 mm
• Optionally with display opening
Beluga
Included in delivery
Lid, base and enclosure screws. See options below.
Technical Data
Explosion protection
Empty enclosure: PTB 02 ATEX 1076U
Polyamide 12
<109 Ohm to EN 50014
UL 94 HB
Black, similar to RAL 9005
IP 65, EN 60529
>7 Nm, EN 50014
-4°F to +140°F
PTB
Beluga 180 O
Beluga 180 G
Beluga 220 O
Beluga 220 G
Beluga 380
Enclosure
Type
Part
Number
Version
Dimensions
mm
Dimensions
Inches
Weight
lbs.
W x L x H
W x L x H
28020200 00
28020201 00
28020400 00
28020401 00
28020501 00
open
closed
open
closed
closed
4.17/2.95 x 7.36 x 1.97
4.72/2.95 x 7.36 x 1.97
4.57/3.35 x 8.66 x 2.00
4.57/3.35 x 8.66 x 200
14.96 x 4.61 x 2.68
0.35
0.37
0.44
0.46
1.15
Certificates
Material
Surface resistance
Flammability
Color
Ingress protection
Impact resistance
Temperature range
II 2 G / EEx e II
Beluga 180
Consisting of top and bottom part, enclosure and board
mounting screws, sealing ring, tongue-and-groove system
with integrated seal. Open version comes complete with
display screen and safety glass. Max. display board
dimensions approximately 74 x 56.4 mm or 80 x 54 mm.
Beluga 220
Consisting of top and bottom part, enclosure and board
mounting screws, sealing rings, tongue-and-groove
system with integral seal. Open version comes complete
with display screen and safety glass. Max. display board
dimensions approximately 84 x 74.5 mm or 86 x 70.5 mm.
Beluga 380
Consisting of top part with seal, bottom part with hang-up
set-up, enclosure and board mounting screws, sealing
rings, tongue-and-groove system with integrated seal.
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com