Electronic Components Datasheet Search
  English  ▼

X  

0809072000 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # 0809072000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809072000 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button 0809072000 Datasheet HTML 21Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 22Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 23Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 24Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 25Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 26Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 27Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 28Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
23
Accessories
Terminals
SAKK10
SAKK4
E30121209 00
E30122209 00
E30161609 00
E30162609 00
E30252612 00
E30000104 00
E30000116 00
E30000191 00
E30000192 00
E30000193 00
E30000194 00
E30000196 00
E30000197 00
E30000198 00
E30000201 00
SAKK4
SAKK 10
AP/SAKK4/10
QL2/SAKK4
QL3/SAKK4
QL 4/SAKK4
QL 2/SAKK10
QL 3/SAKK10
QL 4/SAKK10
EW 1
ceramic terminal block
ceramic terminal block
lid
bridge, 2 pole to SAKK 4
bridge, 3 pole to SAKK 4
bridge, 4 pole to SAKK 4
bridge, 2 pole to SAKK 10
bridge, 3 pole to SAKK 10
bridge, 4 pole to SAKK 10
end clamp TS 32
0.5 to 6 mm2 (single strip)
0.5 to 4 mm2 (multi strip)
2.5 to 16mm2 (single strip)
2.5 to 10mm2 (multi strip)
• Fire protection enclosures from special halogen-free fiberglass material
• Individually fitted with ceramic terminals and cable glands to customer specifications
E30 Fire Protection Enclosures
Included in delivery
Enclosure system with DIN rail and external brackets.
Optional, approved terminals and cable glands
Technical Data
Material
Ingress Protection
Seal/Temperature Stability
Test Certificate
EMC
Glassfiber-reinforced polyester
IP 66, EN 60529
CR round seal -40° to +90°F
DIN 4102 Part 12. General building test certification.
Optional EMC version
Part Number
Dimensions
mm
Dimensions
Inches
Ceramic Terminal Blocks
W x L x H
W x L x H
120 x 120 x 90
120 x 220 x 90
160 x 160 x 90
160 x 260 x 90
250 x 260 x 120
7 pieces
18 pieces
11 pieces
23 pieces
2 x 23 pieces
4 pieces
12 pieces
8 pieces
16 pieces
2 x 16 pieces
4.72 x 4.72 x 3.54
4.72 x 8.66 x 3.54
6.30 x 6.30 x 3.54
6.30 x 10.24 x 3.54
9.84 x 10.24 x 4.72
Cable Glands
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
range 3 - 7 mm
range 5 - 10 mm
range 8 - 13 mm
range 11 - 17 mm
range 15 - 21 mm
range 19 - 28 mm
08080512 00
08080516 00
08080520 00
08080525 00
08080532 00
08080540 00
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com