Electronic Components Datasheet Search
  English  ▼

X  

0809072000 Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # 0809072000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809072000 Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button 0809072000 Datasheet HTML 84Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 85Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 86Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 87Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 88Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 89Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 90Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 91Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 164 page
background image
www.Rose-Bopla.com
86
Hand strap (B 380)
Wall holder (B 380)
Spare screws (B 180 / 220)
Spare screws (B 380)
Spare display screen set (B 180)
Spare display screen set (B 220)
2-stage enable button, blue
Battery compartment (B 180 / 220)
Battery holder for 4 round cells for battery compartment
Battery holder for 9 V battery for battery compartment
Hook set for wall-mounting (B 180/220)
Accessories
Description
lbs
kg
27020200 00
27020201 00
27020400 00
27020401 00
27020501 00
Hook set without magnet (B180 / 220)
Hook set with magnet (B180 / 220)
Keypad FT 180e, 15 keys, printed (B180)
Keypad FT 180e, 15 keys, with plug-in unit (B180)
Keypad FT 220e, 18 keys, printed (B220)
Keypad FT 220b, 18 keys, with plug-in unit (B220)
Display assembly set (B180)
Display assembly set, (B220)
Cable gland with bending protection M 16 x 1.5
Cable gland with bending protection M 20 x 1.5
Hand strap (B180/220)
Carrying strap (B380)
27020080 00
27020081 00
82100003 00
82100004 00
82100005 00
82100006 00
27010680 00
27020482 00
08100116 00
08100120 00
27020083 00
28020580 00
27020581 00
27020582 00
27020082 00
27020583 00
27010688 00
27020483 00
83500001 00
27020085 00
27020086 00
27020087 00
27020084 00
• Polyamide hand held enclosure for measurement control automation engineering
• Ergonomic enclosure shape
• Versions with or without display opening
• Prepared for acceptance of keypads/silicone switch mats
Beluga 180 / 220 / 380
Included in delivery
Beluga 180/220: enclosure with top and base unit, each
with mounting bosses, fastening and enclosure screws.
Beluga 380: enclosure with top and base unit, each with
mounting bosses, mounting hook/set, fastening and
enclosure screws.
Technical Data
Color
Material
Ingress Protection
Surface Resistance
Impact Resistance
Flammability
Temperature Range
Black-gray, similar to RAL 7021
Polyamide
IP 65 to EN 60529
1012 Ohm to DIN 53482
>7 Nm to DIN 50014
UL 94 V2
-40°F to +140°F
Part
Number
Versions
open
closed
open
closed
closed
Model
Number
Beluga 180 O
Beluga 180 G
Beluga 220 O
Beluga 220 G
Beluga 380
Dimensions
mm
Dimensions
Inches
Weight
W x L x H
W x L x H
106/75 x 187 x 50
106/75 x 187 x 50
116/85 x 220 x 51
116/85 x 220 x 51
380 x 117 x 68
0.16
0.17
0.20
0.21
0.52
0.35
0.37
0.44
0.46
1.15
4.17/2.95 x 7.36 x 1.97
4.17/2.95 x 7.36 x 1.97
4.57/3.35 x 8.66 x 2.01
4.57/3.35 x 8.66 x 2.01
14.96 x 4.61 x 2.68
Beluga 180/220
Beluga 380
Part Number
Part Number
Description
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com