Electronic Components Datasheet Search
  English  ▼

X  

0809072000 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # 0809072000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809072000 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 0809072000 Datasheet HTML 20Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 21Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 22Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 23Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 24Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 25Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 26Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 27Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 164 page
background image
www.Rose-Bopla.com
22
• Especially suitable for fitting small electronic components and terminal blocks
• Available with or without molded-on cable glands and with or without quick-release
lid screws
• Mounting bosses for self-tapping screws provided for the assembly of terminal blocks,
DIN rails or PCBs
Polymas Watertight Enclosures
Included in delivery
Enclosure consisting of lid and base; lid screws, or quick-
release lid screws; depending on design with molded-on
cable glands PG 11 including clamping cage, pressure
screw, and closed sealing ring.
Technical Data
Material
Ingress Protection
Color
Lid Seal
Polyamide 6, 30% glassbead-reinforced. UV stabilized
IP 65 DIN EN 60529. Increased protection up to IP x7 on request.
Gray, similar to RAL 7001
Neoprene
PK 101*
PK 101-111*
PK 101-211*
PK 101 SV
PK 101 SV-111
PK 101 SV-211
PK 102*
PK 102-211*
PK 102-411*
PK 102 SV
PK 102 SV-211
PK 102 SV-411
PK 105*
PK 105 SV
PK 110*
PK 110 SV
PK 115*
PK 115 SV
Enclosure Type
Part Number
Dimensions
mm
Dimensions
Inches
W x L x H
W x L x H
38101000 00
38101100 00
38101200 00
38101500 00
38101600 00
38101700 00
38102000 00
38102200 00
38102400 00
38102500 00
38102700 00
38102900 00
38105000 00
38105500 00
38110000 00
38110500 00
38115000 00
38115500 00
2.28 x 2.52 x 1.34
2.28 x 2.52 x 1.34
2.28 x 2.52 x 1.34
2.28 x 2.25 x 1.34
2.28 x 2.25 x 1.34
2.28 x 2.25 x 1.34
3.86 x 2.52 x 1.34
3.86 x 2.52 x 1.34
3.86 x 2.52 x 1.34
3.86 x 2.52 x 1.34
3.86 x 2.52 x 1.34
3.86 x 2.52 x 1.34
2.95 x 2.52 x 2.24
2.95 x 2.52 x 2.24
4.91 x 2.52 x 2.24
4.91 x 2.52 x 2.24
6.89 x 2.52 x 2.24
6.89 x 2.52 x 2.24
58 x 64 x 34
58 x 64 x 34
58 x 64 x 34
58 x 64 x 34
58 x 64 x 34
58 x 64 x 34
98 x 64 x 34
98 x 64 x 34
98 x 64 x 34
98 x 64 x 34
98 x 64 x 34
98 x 64 x 34
75 x 80 x 57
75 x 80 x 57
125 x 80 x 57
125 x 80 x 57
175 x 80 x 57
175 x 80 x 57
*Available with transparent polycarbonate lid for quantities exceeding 500 pieces.
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com