Electronic Components Datasheet Search
  English  ▼

X  

0809072000 Datasheet(PDF) 128 Page - List of Unclassifed Manufacturers

Part # 0809072000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809072000 Datasheet(HTML) 128 Page - List of Unclassifed Manufacturers

Back Button 0809072000 Datasheet HTML 124Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 125Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 126Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 127Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 128Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 129Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 130Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 131Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 132Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 164 page
background image
www.Rose-Bopla.com
126
Polyamide Cable Glands
Characteristics
Material:
Ingress Protection
Temperature Range
With clamping cage for
strain relief and anti-kink
grommet
Polyamide
IP 65
-22°F to + 212°F
POZB 7
POZB 9
POZB 11
POZB 13
POZB 16
POZB 21
POZB 29
MPOZB 12-1
MPOZB 12-2
MPOZB 16
MPOZB 20-1
MPOZB 20-2
MPOZB 20-3
MPOZB 25-2
MPOZB 32
4 - 6
6 - 8
8 - 10
10 - 12
12 - 14
14 - 18
18 - 24
4 - 6
6 - 8
6 - 8
8 - 10
10 - 12
12 - 14
14 - 18
18 - 24
PG 7
PG 9
PG 11
PG 13
PG 16
PG 21
PG 29
M 12 x 1.5
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 20 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
12052609 00
12052709 00
12052809 00
12052909 00
12053009 00
12053109 00
12053209 00
12152600 00
12152700 00
12152800 00
12152900 00
12153000 00
12153100 00
12153200 00
12153300 00
Model
Cable Ø
Connection Thread
Part Number
PG
POZB/MPOZB Cable Glands
Metric
SW 19
SW 22
SW 24
SW 27
SW 30
SW 36
SW 46
SW 60
SW 17
SW 22
SW 26
SW 32
SW 41
SW 50
PG 7
PG 9
PG 11
PG 13.5
PG 16
PG 21
PG 29
PG 36
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
Characteristics
Polyamide counter nut for
all cable glands with PG
or metric connection
threads.
GM 7
GM 9
GM 11
GM 13
GM 16
GM 21
GM 29
GM 36
MGM 12
MGM 16
MGM 20
MGM 25
MGM 32
MGM 40
52080100 00
52080200 00
52080300 00
52080400 00
52080500 00
52080600 00
52080700 00
52080800 00
52090100 00
52090200 00
52090300 00
52090400 00
52090500 00
52090600 00
Model
Connection
Thread
Width Across
Flats
PG
GM/MGM Counter Nuts
Metric
Part
Number
Characteristics
Polyamide blind plugs for
closing and sealing
unused Pg/metric
threaded drill holes.
For increased protection,
please use sealing ring
for connection thread DR.
PG 7
PG 9
PG 11
PG 13.5
PG 16
PG 21
PG 29
PG 36
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
BL 7
BL 9
BL 11
BL 13
BL 16
BL 21
BL 29
BL 36
MBL 12
MBL 16
MBL 20
MBL 25
MBL 32
MBL 40
52010000 00
52010100 00
52010200 00
52010300 00
52010400 00
52010500 00
52010600 00
52010700 00
52011100 00
52011200 00
52011300 00
52011400 00
52011500 00
52011600 00
Model
Connection
Thread
Part
Number
PG blind plugs
BL/MBL Blind Plugs
Metric blind plugs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com