Electronic Components Datasheet Search
  English  ▼

X  

0809072000 Datasheet(PDF) 139 Page - List of Unclassifed Manufacturers

Part # 0809072000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809072000 Datasheet(HTML) 139 Page - List of Unclassifed Manufacturers

Back Button 0809072000 Datasheet HTML 135Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 136Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 137Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 138Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 139Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 140Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 141Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 142Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 143Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
137
Unit of Measurement
Specifications
NOTE: VALUES SHOWN ARE APPROXIMATE.
NOTE: VALUES SHOWN ARE APPROXIMATE.
KA 3c
1.0 x 1013
.6
self-extinguishing
self-extinguishing
fully insulated
-40° C +250° C
.6
Fiberglass
COMPRESSION
MOLDED
FIBERGLASS
• Fiberglass Watertight Enclosures
• Fiberglass Compression Molded Enclosures
• Fiberglass Mobile Control Enclosures
Made of glass fiber (25mm long) reinforced polyester plastic. Heat pressed compression molded under heat and pressure.
This guarantees excellent dimensional stability under heat, excellent mechanical strength and dynamic load capacity, very low
friction, excellent abrasion resistance to chemicals and weather, excellent surface finish, excellent dimensional stability and little
tendency to stress and cracking.
Reinforced glass fiber fiberglass (polyester) mats come in rolls. The rolls are cut in the correct size, weighed and then placed
into a heated mold. Under high pressure the material liquifies, and fills the mold completely. After a few minutes under heat
and pressure, the completed housing can be removed for trimming and assembly.
In general, the resistance of this material to acids, bleaches and organic solvents ranges from good to excellent.
DIN 53480
DIN 53482
DIN 53472
ASTD D-635 UL 94 VO
Almost Non-Flammable
VDE 0100-7
DIN 53458
Leakage Current
Surface Resistance
Absorption of Water
Combustibility
Flame Resistance
Insulation
Continuous Heat
Thermal Conductivity:
Class
Ohm
%
Approx Value
Physical Properties
Test Standard
W/mk (watts per meter x coefficient of thermal expansion)
1.50
150
1
7100
180
120-150
21-25
180
DIN 53479
DIN 53453
DIN 53455
DIN 53457
DIN 53452
DIN 53454
DIN 53453
DIN 53452
Density
Resistance to Pressure
Elongation
Modulus of Elasticity
Bending Strength
Compression Strength
Impact Resistance
Shear Resistance
g/cm3
N/mm2
%
N/mm2
N/mm2
N/mm2
KJ/m2
N/mm2
Approx Value
Mechanical Properties
Unit of Measurement
Test Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com