Electronic Components Datasheet Search
  English  ▼

X  

0809072000 Datasheet(PDF) 145 Page - List of Unclassifed Manufacturers

Part # 0809072000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809072000 Datasheet(HTML) 145 Page - List of Unclassifed Manufacturers

Back Button 0809072000 Datasheet HTML 141Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 142Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 143Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 144Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 145Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 146Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 147Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 148Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 149Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
143
Specifications
35
120
-40
20
100
2700
18
94HB
.9
KB 350
–
Polyamide
Material Properties
Impact Strength
Heat Resistance*
Cold Resistance*
Notched Impact Strength
Maximum Bending Stress
Elastic Modulus
Elastic Stretch
Flammability
Water Absorption
Creep Resistance
Thermal Conductivity
DIN 53453
–
–
DIN 53453
DIN 53452
DIN 53455
–
UL 94
DIN 53472
DIN 53480
VDE 0304/1
KJ/m2
°C
°C
KJ/m2
N/mm2
N/mm2
%
Class
%
Class
w/m °C
–
80-100*
-40
17
150
6000
4
94HB
1
KB 350
.33
Test Standard
Unit of
Measurement
Approx.Value
POLYAMIDE
SPECIFICATIONS
*The temperature resistance of the enclosure is dependent upon the installed gasket. Temperature limits can also be influenced by
mechanical stress.
Test
SE 1
PC / ABS
PA6.6
PA6 FR
PA6
Material Properties
Unit
Requirements
PS
ABS
PC
GFN1
Blend
FR
(NV12)
GF 15
UP–GF
Impact strength +20° C
KJ/m2
ISO 179
–
60
without
30
–
–
without
36
49
Impact strength -40° C
DIN 53453
–
40
breaking 30
–
–
breaking
–
–
Notched impact str. (Charpy) +20° C
KJ/m2
ISO 179
7
10
25
–
–
–
3.5
55
–
Notched impact str. (Charpy) -40° C
DIN 53453
4
4
10
–
–
–
–
—
–
Max. bending stress
N/mm2
ISO 178
–
64
>70
110
–
–
–
–
100
DIN 53452
Round body pressure test
°C
ISO 335–1
–
75
125
125
125
–
125
–
–
DIN 0471/2–1
Retention of shape under heat 1) A
°C
ISO 75
75
80
125
120
120
90
70
150
150
Retention of shape under heat 1) B
DIN 53461
–
85
135
130
130
215
190
210
–
Thermal conductivity
W/mK
DIN 53461
0.17
0.18
0.2
0.23
–
–
–
–
0.6
ASTM 648
Glow hot wire test
°C
ISO 695
–
650/2
850/1
960/3.2
960/2
–
850/1
–
–
with mm DIN 0471/2–1
Combustibility
Grade
UL 94
HB/1.47 HB/1.6
V2/1.14
V1/1.47
VO/1.6
VO/1
V2/1.6
HB/1.6
VO/4
from mm
ISO 62
Water absorption
%
DIN 53495
<0.1
0.4
0.35
0.22
–
2.2
2.5
2.2
0.7
ASTM D 570
IEC 93
Surface resistivity
Ohm
DIN 53482
>1013
>1014
>1015
>1015
–
>1015
>1012
–
>1012
ASTM 257
IEC 93
Special Volume resistivity
Ohm
DIN 53482
>1016
>1015
>1016
>1015
–
>1015
>1015
>1012
>1013
x cm
VDE 303 T3
ASTM 257
IEC 243
Dielectric strength
KV / mm
DIN 53481
–17
28
26
–
–
–
–25
VDE 303 T2
ASTM 149
The above data are for guidance only. It has been determined using standardized test pieces and can vary within normal tolerances.
The combustibility classification refers to the material and deviations are possible in finished parts if these have a different material strength.
Material Properties of Plastics
1)
The ability of the enclosure to maintain their shape when subject to heat depends on a seal being inserted. The temperature resistance can still be affected by mechanical stress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com