Electronic Components Datasheet Search
  English  ▼

X  

0809072000 Datasheet(PDF) 160 Page - List of Unclassifed Manufacturers

Part # 0809072000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809072000 Datasheet(HTML) 160 Page - List of Unclassifed Manufacturers

Back Button 0809072000 Datasheet HTML 156Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 157Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 158Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 159Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 160Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 161Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 162Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 163Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 164Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 160 / 164 page
background image
www.Rose-Bopla.com
158
Brief Description
Not protected
I.P. Ingress Protection Classifications to DIN VDE 0470/EN 60529*
The protection classification offered by an enclosure is shown by the letters IP Ingress Protection, and two digits. The first digit
indicates two factors (protection for persons and equipment). The second digit indicates only one factor, protection against
water.
Similarly, changes in temperature, as may occur, for example, in the open air, are not taken into account. Such changes in
temperature may cause a loss of pressure in the enclosure, and dampness may be absorbed through the seal area.
Rose
+Bopla can supply pressure compensation elements for this purpose.
Digit
First digit: Protection for persons and equipment
Equipment
Persons
1)
Dust must not penetrate in sufficient quantities to prevent the equipment from operating satisfactorily, or to impair safety.
Important note:The protection classifications given for the enclosures refer to unmachined enclosures as supplied. In the case of protection against water in particular
(second digit), the test conditions will be met if during the given time for the experiment no water has penetrated, or not in harmful quantities. As the tests to show
protection classifications take no account of ageing, the maintenance of the protection classification throughout the lifetime of the equipment in not guaranteed.
*We assume no liability for quoted standards.
Protection against the
back of the
hand touching
dangerous parts
Protection against a
finger touching
dangerous parts
Protection against
a tool touching
dangerous parts
Protection against
a wire touching
dangerous parts
Protection against
a wire touching
dangerous parts
Protection against
a wire touching
dangerous parts
–
A round body, 50mm in
diameter, must be at a
sufficient distance from
dangerous parts
The test finger, jointed,
12mm in diameter and
80mm long, must be at a
sufficient distance from
dangerous parts
A body, 2.5mm in
diameter, must not be
able to penetrate
A body, 1.0mm in
diameter, must not be
able to penetrate
A body, 1.0mm in
diameter, must not be
able to penetrate
A body, 1.0mm in
diameter, must not be
able to penetrate
Not protected
Protection against a
solid foreign body of
50mm or more
in diameter
Protection against a
solid foreign body of
12.5mm or more
in diameter
Protection against a
solid foreign body of
2.5mm or more
in diameter
Protection against a
solid foreign body of
1.0mm or more
in diameter
Protection against dust
Sealed against dust
–
A round body, 50mm
in diameter, must
not fully penetrate
A round body, 12.5mm
in diameter, must
not penetrate at all
A round body, 2.5mm
in diameter, must
not penetrate at all
A round body, 1.0mm
in diameter, must not
penetrate at all
No dust penetration
No dust penetration
Brief Description
Definition
Definition
0
1
6
2
3
4
5
Protection Classifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com