Electronic Components Datasheet Search
  English  ▼

X  

217843 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 217843
Description  Pistol Grip Seating Tool
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

217843 Datasheet(HTML) 1 Page - Tyco Electronics

  217843 Datasheet HTML 1Page - Tyco Electronics 217843 Datasheet HTML 2Page - Tyco Electronics 217843 Datasheet HTML 3Page - Tyco Electronics 217843 Datasheet HTML 4Page - Tyco Electronics 217843 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2011 Tyco Electronics Corporation, Berwyn, PA
All Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names might be trademarks of their respective owners.
Instruction Sheet
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
1 of 5
LOC B
Pistol Grip Seating Tool
Head 58569-1 for
AMPMODU* MTE Connectors
408-4109
28 FEB 11 Rev C
Figure 1
1. INTRODUCTION
This instruction sheet covers the operation and
maintenance of Pistol Grip Seating Tool Head
58569-1. See Figure 1. The seating tool is used to
seat contacts into single-row AMPMODU MTE contact
housing assemblies. The seating head tool will seat
contacts in individual or strip form in a wire size range
of 30 to 22. Read these instructions thoroughly before
using the head.
All dimensions on this document are in metric units
[with U. S. customary units in brackets]. Figures are
for reference only and are not drawn to scale.
Reasons for revision of this document are given in
Section 7, REVISION SUMMARY.
2. DESCRIPTION
The seating tool is used in Manual Handle Assembly
58074-1, Bench-Mount Pneumatic Assembly 58338-1,
or Electric Power Unit 931800-1. When installed into
the appropriate power assembly, the seating tool will
seat plastic housings over the previously terminated
and inspected contacts of the single-row AMPMODU
MTE contact housing assemblies. Refer to 408-6919
for a complete description of AMPMODU MTE
connectors.
For information concerning the setup and operation of
the power assemblies, refer to instruction sheets
408-6790 and 408-9393, and to customer manual
409-5746. Note that the pneumatic assemblies are
designed to operate between 280-480 kPa [40 through
70 psi].
Before contacts can be seated into the housing
assemblies, all contact positions on the entire
carrier strip must be cycled through an insertion
station, even if a slot is intentionally left empty.
Features of the head and their functions are as
follows:
• Adjuster (Insertion Rod) - is a piston for the slide
bar and regulates its travel.
• Drive Bar - is the reversible block that actually
pushes against the contact housing.
• Slide Bar - is the guiding bar that maintains the
alignment of the drive bar, and guides it.
• Guide Cover - goes between the wire and the
carrier strip and provides backup support to the
carrier strip during seating.
3. SETUP AND ADJUSTMENTS
The seating depth adjustment on the insertion rod
adjuster is preset prior to shipment. If, after inspection,
it is determined that the contacts are not seated
properly, re-adjust the seating depth.
3.1. For Pistol Grip Manual Handle Assembly and
Electric Power Unit
1. Select a terminated connector.
2. Load connector into the seating tool and cycle the
tool.
3. Inspect seated connector according to Figure 6.
4. If contacts are properly seated in the housings,
remove connector from the seating tool and
Drive Bar
Slide Bar
Guide Cover
Insertion Rod
Adapter
NOTE
i
NOTE
i


Similar Part No. - 217843

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
217843 MOLEX-217843 Datasheet
659Kb / 3P
Pre-Crimped Leads
2022.07 Rev. 13
217843 MOLEX11-217843 Datasheet
659Kb / 3P
Pre-Crimped Leads
Rev. 13
2178431121 MOLEX-2178431121 Datasheet
78Kb / 1P
MIZU-P25 M-S 75MM 20 AWG LEAD UL RD Sn
2021/02/16
2178431122 MOLEX-2178431122 Datasheet
78Kb / 1P
MIZU-P25 M-S 75MM 20 AWG LEAD UL RD Sn
2021/02/16
2178431123 MOLEX-2178431123 Datasheet
78Kb / 1P
MIZU-P25 M-S 75MM 20 AWG LEAD UL RD Sn
2021/02/16
More results

Similar Description - 217843

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638120500 MOLEX11-0638120500 Datasheet
35Kb / 1P
Manual Insertion Tool, Star Ring Seating Tool
logo
TE Connectivity Ltd
408-6789 TEC-408-6789 Datasheet
268Kb / 5P
Pistol Grip Pneumatic Handle Assembly
408-32200 TEC-408-32200 Datasheet
405Kb / 3P
CFP2 and CFP4 Cage Assembly Seating Tool
408-32028 TEC-408-32028 Datasheet
84Kb / 4P
Mini-SAS HD Seating Tool Kit
408-8996 TEC-408-8996 Datasheet
128Kb / 3P
Seating Tool Assembly
logo
Tyco Electronics
408-8503 MACOM-408-8503 Datasheet
122Kb / 3P
Seating Tool Assemblies
logo
TE Connectivity Ltd
408-10380 TEC-408-10380 Datasheet
69Kb / 3P
CXP Seating Tool Kit
409-32041 TEC-409-32041 Datasheet
695Kb / 9P
12 Ton Pistol Grip
logo
Schneider Electric
XACA201 SCHNEIDER-XACA201 Datasheet
93Kb / 5P
Harmony, pendant station, pistol grip, yellow, 2 push buttons
Aug 15, 2019
logo
Molex Electronics Ltd.
0638120500 MOLEX-0638120500 Datasheet
31Kb / 1P
Manual Insertion Tool, Star Ring Seating Tool
08/03/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com