| Electronic Components Datasheet Search |
|
217843 Datasheet(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
217843 Datasheet(HTML) 3 Page - Tyco Electronics |
|
3 / 5 page ![]() 408-4109 3 of 5 Rev C A. Side Loading To side load the connector into the seating tool, the corner of the carrier strip is positioned under the edge of the guide cover with the wires of the connector assembly over the top of the guide cover. Adjust the connector housing so that it is perpendicular to the shoulder of the drive bar; then push on the side of the connector until it is in proper position. See Figure 3. The connector may be loaded from either side of the seating tool. Figure 3 B. Front Loading To front load the connector into the seating tool, position the connector directly onto the face of the seating tool at the approximate seating position. The carrier strip must be positioned above the guide cover. With one finger, push down on the wires directly above the carrier strip. See Figure 4, Detail A. While holding the carrier strip down, push on the edge of the housing so that the carrier strip is positioned under the guide cover (see Figure 4, Detail B). When the carrier strip is fully positioned under the guide cover, the housing will be positioned beyond the edge of the shoulder on the drive bar. At this point, push down on the housing to seat it onto the shoulder of the drive bar. See Figure 4, Detail B. Figure 4 4. OPERATING PROCEDURE Before operating the seating tool, it must be set up for the proper seating edge, which is determined by the selected connector type. 1. Select a terminated connector. 2. Load connector into tool. 3. Cycle the seating tool. NOTE i Side Loading Connectors Into Seating Tool Shoulder of Drive Bar Seating Tool Guide Cover Shoulder of Carrier Strip Positioned Under Edge of Guide Cover and Wires Over Top of Guide Cover Front Loading Connector Into Seating Tool Detail A Detail B Connector Positioned on Seating Tool at Approximate Seating Position Carrier Strip Positioned ABOVE Guide Cover Seating Tool (Ref) Push Down on Wires to Hold Carrier Strip Down Guide Cover (Ref) Push on Edge of Connector to Position the Carrier Strip Under the Guide Cover Drive Bar Push Down on Wires in Order to Position the Carrier Strip UNDER the Guide Cover Push Down on Housing to Seat Housing Onto the Shoulder of Drive Bar NOTE i |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |