Electronic Components Datasheet Search
  English  ▼

X  

217843 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 217843
Description  Pistol Grip Seating Tool
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

217843 Datasheet(HTML) 5 Page - Tyco Electronics

  217843 Datasheet HTML 1Page - Tyco Electronics 217843 Datasheet HTML 2Page - Tyco Electronics 217843 Datasheet HTML 3Page - Tyco Electronics 217843 Datasheet HTML 4Page - Tyco Electronics 217843 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408-4109
5 of 5
Rev C
CUSTOMER SERVICE (038-035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105-3608
Tools and/or seating head tools may also be returned
for evaluation and repair. For repair service, contact a
Tyco Electronics Representative at 1-800-526-5136.
7. REVISION SUMMARY
Since the previous release, the TE logo was applied.
Figure 7
Weight: 1952 g [4 lb. 5 oz.]
ITEM NO.
TE PART NUMBER
DESCRIPTION
QTY PER ASSY
1
189079-1
FRAME
1
2
217844-1
BAR, Slide
1
3
1-21028-2
PIN, Slotted Spring [.0632 Dia X .880]
1
4
217845-1
LINK
1
5
21028-1
PIN, Slotted Spring [.062 X .190]
1
6
189085-1
ROD, Inserter
1
7
22488-5
SPRING, Compression
1
8
312149-1
ADJUSTER, Inserter Rod
1
9
217846-1
BAR, Drive
1
10
1-21000-3
SCREW, Socket Head Cap 4-40 X .250
1
11
217842-1
GUIDE
1
12
1-21003-5
SCREW, Flat-Head Cap 4-40 X .500
2
13
217843
COVER, Guide
1
14
1-21003-4
SCREW, Flat Head Cap 4-40 X .380
2
15
1-21003-7
SCREW, Flat Head Cap 4-40-40 X .750
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com