Electronic Components Datasheet Search
  English  ▼

X  

LM9011 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9011
Description  Electronic Ignition Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9011 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM9011 Datasheet HTML 1Page - National Semiconductor (TI) LM9011 Datasheet HTML 2Page - National Semiconductor (TI) LM9011 Datasheet HTML 3Page - National Semiconductor (TI) LM9011 Datasheet HTML 4Page - National Semiconductor (TI) LM9011 Datasheet HTML 5Page - National Semiconductor (TI) LM9011 Datasheet HTML 6Page - National Semiconductor (TI) LM9011 Datasheet HTML 7Page - National Semiconductor (TI) LM9011 Datasheet HTML 8Page - National Semiconductor (TI) LM9011 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DC Electrical Characteristics The following specifications apply for V
CC = 5V, VRESET =VCC,VS_HI =VCC,
-40˚C
≤ T
A ≤ +125˚C, Application Circuit Figure 16, unless otherwise specified. (Continued)
Symbol
Parameter
Conditions
Minimum
Maximum
Units
Electronic Timing Interface
I
IL
Input Low Current Inputs D0, D1,
ENB
V
IN = 0V
-10
µA
I
IL
Input Low Current Input RESET
V
IN = 0V
-125
µA
V
OH
Output High Voltage Outputs S1,
S2, S3, S4
I
LOAD = -10mA, VS_HI = 5V
3.75
V
V
OL
Output Low Voltage Outputs S1,
S2, S3, S4
I
LOAD = 1mA, VS_ HI = 5V
300
mV
V
OH
Output High Voltage Outputs S1,
S2, S3, S4
I
LOAD = -10mA, VS_HI = 16V
14
V
V
OL
Output Low Voltage Outputs S1,
S2, S3, S4
I
LOAD = 1mA, VS_HI =16V
450
mV
V
OH
Output High Voltage Outputs S1,
S2, S3, S4
I
LOAD = -10mA, VS_HI =26V
22
V
V
OL
Output Low Voltage Outputs S1,
S2, S3, S4
I
LOAD = 1mA, VS_HI =26V
600
mV
V
OH
FAULT Pin Output High Voltage
I
FAULT = -100µA, no fault
V
CC -1
V
V
OL
FAULT Pin Output Low Voltage
I
FAULT = 100µA, any fault
750
mV
V
FAULT
Fault Treshold Voltage Outputs
S1, S2, S3, S4
Sx Output Short Fault
V
CC X 0.2
V
CC X 0.5
V
I
FOL
TRI-STATE Output Current
Outputs S1, S2, S3, S4
V
RESET = 0V, VS _HI =5V
R
LOAD = 10KΩ
-12
-50
µA
AC Electrical Characteristics
The following specifications apply for V
CC = 5V, VS_HI =VCC,VRESET =VCC, -40˚C≤TA≤+125˚C. The AC Timing Characteristics
are not production tested. Minimum and Maximum limits are guaranteed by device characterization.
Symbol
Parameter
Conditions
Minimum
Maximum
Units
Comparators
T
RISE
Output Rise Time
10% to 90%,C
LOAD = 25pF
5
µs
T
FALL
Output Fall Time
90% to10%,C
LOAD = 25pF
5
µs
VR Sensor Interface (Note 4)
T
RISE
Output Rise Time
10% to 90%,C
LOAD = 100pF,
R
LOAD = 100KΩ
10
µs
T
FALL
Output Fall Time
90% to10%,C
LOAD = 100pF,
R
LOAD = 100kΩ
5ms
T
DELAY
Zero Crossing Delay Time (Note
6)
I
DIFF = 5µA pk-pk, FVRS = 200Hz
I
DIFF = 50µA pk-pk, FVRS =
2.5KHz
1
10
ms
ms
F
MAX
Maximum VRS Frequency
C
LOAD = 100pF, RLOAD = 100KΩ
I
DIFF = 5µA pk-pk
50
KHz
Electronic Timing Interface
T
RISE1
Sx Output Rise Time
Sx Rises10% to 90%
C
LOAD = 6.8nF, RLOAD = 10KΩ
5µs
C
LOAD = 12.7nF, RLOAD = 10KΩ
8µs
T
FALL1
Sx Output Fall Time
Sx Falls 90% to 10%
C
LOAD = 6.8nF, RLOAD = 10KΩ
15
µs
C
LOAD = 12.7nF, RLOAD = 10KΩ
25
µs
T
SETUP
SetupTime (Notes 7, 8 and 9)
1
µs
T
HOLD
Hold Time
0.5
µs
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com