Electronic Components Datasheet Search
  English  ▼

X  

LM9011 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9011
Description  Electronic Ignition Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9011 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM9011 Datasheet HTML 7Page - National Semiconductor (TI) LM9011 Datasheet HTML 8Page - National Semiconductor (TI) LM9011 Datasheet HTML 9Page - National Semiconductor (TI) LM9011 Datasheet HTML 10Page - National Semiconductor (TI) LM9011 Datasheet HTML 11Page - National Semiconductor (TI) LM9011 Datasheet HTML 12Page - National Semiconductor (TI) LM9011 Datasheet HTML 13Page - National Semiconductor (TI) LM9011 Datasheet HTML 14Page - National Semiconductor (TI) LM9011 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Circuit Description
VR Sensor Interface
The differential inputs, VR_HI and VR_LO are low imped-
ance inputs with a DC voltage bias of one half of Vcc, Both
inputs require equal value series resistance on their respec-
tive pins to convert the VR sensor voltage to a differential in-
put current. The differential input current range is typically
2.5µA peak-to-peak to 2.5mA peak-to-peak. Each input has
active current limiting that will clamp the current at typically
+/-5mA. This is intended for short circuit protection and not
for input signal limiting.
Differential voltages of 500mV peak-to-peak to 500V peak-
to-peak can be processed with the specified 100K
Ω series
resistor on each input. Numerous variables will determine
the output voltage signal from a VR sensor across a fre-
quency range. The input resistors can be scaled from typi-
cally 50K
Ω to 200KΩ to keep the differential input current
with-in the recommended range for a given VR Sensor out-
put voltage. Bypass capacitors can be added to form a low
pass filter to limit the differential input signal at the higher fre-
quencies.
The VR Sensor interface utilizes a dynamic hysteresis which
will increase the hysteresis level as the input signal from the
VR Sensor increases. The circuit requires two external com-
ponents to fully implement the hysteresis function: a capaci-
tor on VR_FC to filter and store the peak detector signals;
and a 150K
Ω resistor on VR_BIAS to set a reference current
for the hysteresis circuit. The typical value range for the peak
detector storage capacitor is 0.1µF to 0.47µF.
The peak detector has an internal 3K
Ω (typical) current lim-
iting resistor to Vcc for charging the storage capacitor. An ex-
ternal resistor in parallel with the peak detector storage ca-
pacitor is used to set the RC discharge rate of the peak
detector capacitor.
For input levels greater than typically 10µA peak-to-peak the
voltage on the peak detector output pin VR_FC is used to ac-
tively derive the hysteresis level. The active hysteresis will
typically be 30% of the peak input signal. As the input level
falls below typically 10µA peak-to-peak the hysteresis level
will begin to rise as the static hysteresis level takes effect.
The static hysteresis level is set by the current out of the VR-
_BIAS pin and is a constant level of typically 1µA peak with
a VR_BIAS resistor of 150K
Ω. This static hysteresis level
acts as the minimum detect threshold as there will be no out-
put if the input signal is not greater than the static hysteresis
level.
The VR_BIAS resistor can be scaled from typically 50K
Ω to
500K
Ω, but the practical range is typically 75KΩ to 300KΩ.
Increasing the resistance (i.e. reducing the current) will lower
the minimum hysteresis level. Conversely, reducing the re-
sistance will raise the minimum hysteresis level. Since the
VR_BIAS current is modified by the same square root circuit
used for the input signal, the relationship between the VR-
_BIAS resistor value and the minimum detect level is not lin-
ear. For VR_BIAS values greater than 500K
Ω, the minimum
detect level is typically determined more by the internal de-
vice offsets, and thermal effects.
Voltage Comparators
The circuit includes four general purpose voltage compara-
tors that use an internal reference voltage to set their voltage
thresholds. Three of the comparators have their non-
inverting inputs tied to the internal reference voltage, and
their inverting-inputs are brought out. The remaining one
comparator has its inverting input tied to the internal voltage
reference, and its non-inverting input is brought out. All four
comparators include hysteresis to improve noise immunity.
The comparator outputs are internally pulled up to V
CC. Any
un-used comparator should have its input connected to de-
vice ground.
DS101264-21
FIGURE 10. VR Sensor Interface Block Diagram
DS101264-22
FIGURE 11. Voltage Comparator Block Diagram
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com