Electronic Components Datasheet Search
  English  ▼

X  

LM9011 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9011
Description  Electronic Ignition Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9011 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM9011 Datasheet HTML 1Page - National Semiconductor (TI) LM9011 Datasheet HTML 2Page - National Semiconductor (TI) LM9011 Datasheet HTML 3Page - National Semiconductor (TI) LM9011 Datasheet HTML 4Page - National Semiconductor (TI) LM9011 Datasheet HTML 5Page - National Semiconductor (TI) LM9011 Datasheet HTML 6Page - National Semiconductor (TI) LM9011 Datasheet HTML 7Page - National Semiconductor (TI) LM9011 Datasheet HTML 8Page - National Semiconductor (TI) LM9011 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AC Electrical Characteristics (Continued)
The following specifications apply for V
CC = 5V, VS_HI =VCC,VRESET =VCC, -40˚C≤TA≤+125˚C. The AC Timing Characteristics
are not production tested. Minimum and Maximum limits are guaranteed by device characterization.
Symbol
Parameter
Conditions
Minimum
Maximum
Units
Electronic Timing Interface
T
DF1
Fault Delay Time
Sx Output Short to Ground Fault
From ENB=1to FAULT
≤ 10%
C
FAULT = 25pF
2
µs
T
DF2
Fault Delay Time
Sx Output Short to Battery Fault
From ENB=0to FAULT
≤ 10%
C
FAULT = 25pF
2
µs
T
TRI
TRI-STATE Delay Time
From RESET=0toAll Sx
Outputs Off
2µs
T
RISE 2
Fault Pin Rise Time
10% to 90%,C
FAULT = 25pF
5
µs
T
FF(OFF)
False Fault Time
From ENB=0to FAULT
≥ 90%
C
FAULT = 25pF
C
LOAD = 6.8nF, RLOAD = 10KΩ
25
µs
C
LOAD = 12.7nF, RLOAD = 10KΩ
30
µs
T
FF(ON)
False Fault Time
From ENB=1to FAULT
≥ 90%
C
FAULT = 25pF
C
LOAD = 6.8nF, RLOAD = 10KΩ
8µs
C
LOAD = 12.7, RLOAD = 10KΩ
10
µs
T
UDF
Undefined Fault Time
From ENB = 0 for 8uSec, to Valid
FAULT
C
LOAD = 6.8nF, RLOAD = 10KΩ
20
µs
C
LOAD = 12.7nF, RLOAD = 10KΩ
25
µs
Note 1: Absolute Maximum Ratings indicate the limits beyond which damage may occur.
Note 2: ESD Ratings is with Human Body Model: 100pF discharged through a 1500
Ω resistor.
Note 3: Operating ratings indicate conditions for which the device is intended to be functional, but may not meet the guaranteed specific performance limits. For guar-
anteed specifications and conditions, see the Electrical Characteristics.
Note 4: Tested per VR Sensor Interface test circuit. See figures 8 and 9.
Note 5: Minimum Detect Current is not production tested at +85C. Specifications is guaranteed through device characterization and Test Limits at 25˚C and 125˚C.
Note 6: VR Sensor Interface Tdelay, measured from VR input sine wave zero-crossing to VR_OUT going high. See figure 9.
Note 7: Electronic Timing Interface Tsetup, minimum time between Vcc > 4.75V and RESET = 1.
Note 8: Electronic Timing Interface Tsetup, minimum time between RESET = 1 and D0 = 1.
Note 9: Electronic Timing Interface Tsetup, minimum time between D0 / D1 = valid and ENB = 1.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com