Electronic Components Datasheet Search
  English  ▼

X  

BL600-SC Datasheet(PDF) 13 Page - Laird Tech Smart Technology

Part # BL600-SC
Description  Single Mode Bluetooth Low Energy (BLE) Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL600-SC Datasheet(HTML) 13 Page - Laird Tech Smart Technology

Back Button BL600-SC Datasheet HTML 9Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 10Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 11Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 12Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 13Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 14Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 15Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 16Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 17Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Single Mode BLE Modules
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
13
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
3.3
Electrical Specifications
3.3.1 Absolute Maximum Ratings
Absolute maximum ratings for supply voltage and voltages on digital and analogue pins of the module are listed
below; exceeding these values causes permanent damage.
Table 3: Maximum Current Ratings
Parameter
Minimum
Maximum
Unit
Voltage at VCC pin
-0.3
+3.6 (Note 1)
V
Voltage at GND pin
0
V
Voltage at SIO pin
-0.3
VCC+0.3
V
Storage temperature
-40
+85
ºC
Note 1:
Absolute Max Rating for VCC pin (max) is 3.6V for BL600-Sx-02 and BL600-Sx-03.
Absolute Max Rating for VCC pin (max) is 3.9V for BL600-Sx-04.
3.3.2 Recommended Operating Parameters
Table 4: Power Supply Operating Parameters
Parameter
Minimum
Typical
Maximum
Unit
VCC (with internal LDO)1
1.8
3
3.6
V
VCC (with internal DCDC enabled)1
2.1
3
3.6
V
VCC Maximum ripple or noise2
10
mV
VCC rise time (0 to 1.8V)3
60
mS
Operating Temperature Range
3.3V +/- 10%
(contact Laird with any queries) 1.8V
-40
-25
-
-
+85
+75
ºC
ºC
Note 1:
Internal DCDC is used if VCC >2.1 V on power-up; otherwise internal LDO is used. 4.7 uF internal to
module on VCC. smartBASIC runtime engine firmware v1.2.54.0(Jun2013) and subsequent versions,
the internal DCDC convertor was switched off on recommendation from the chipset provider until
future notice.
Note 2:
The maximum VCC ripple or noise (at any frequency) that does not disturb the radio.
Note 3:
The on-board power-on reset circuitry may not work for rise times outside the noted interval.
Time reset is active from VCC reaches 1.7 V with 50 mS rise time is 29 mS typical.
Time reset is active from VCC reaches 1.7 V with 1 uS rise time is 2.7 mS typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com