Electronic Components Datasheet Search
  English  ▼

X  

BL600-SC Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # BL600-SC
Description  Single Mode Bluetooth Low Energy (BLE) Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL600-SC Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  BL600-SC Datasheet HTML 1Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 2Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 3Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 4Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 5Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 6Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 7Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 8Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Single Mode BLE Modules
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
2
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
REVISION HISTORY
Ver.
Date
Notes
Approver
1.0
16 Apr 13
Initial Release
Jonathan Kaye
1.1
5 July13
Added:
To Table 1, smartBASIC runtime engine FW upgrade via UART.
To Table 1, smartBASIC application download via OTA.
Section 3.3.4
OTA (Over-the-Air) smartBASIC Application
Download
Updated:
Table 1 – make it clear number of SPI (x1), I2C(x1) interfaces and
ADC channels.
Table 2 – (pin list), footnote mentions SIO_7 has Internal Pull
down (default in FW).
5.2.1
Clocks section – corrected 32.768 crystal accuracy to
+/-20ppm. Added 16MHz crystal accuracy (+/-10ppm).
6.1 Circuit section – circuit HW integration suggestion), on SIO_7
pin and Over the Air smartBASIC application download feature.
Figure 14: BL600 Mechanical drawings – BL600 Mechanical
drawing to add measurements of the half-moon shaped
positioning holes.
Jonathan Kaye
1.2
25 Oct 2013
Updated Recommended Operating Parameters notes to reflect 2.7 ms
rather than 2.7 µs.
Jonathan Kaye
1.3
12 Dec 2013
Added baking schedule information.
Jonathan Kaye
1.4
20 Dec 2013
Added:
ADC (AIN) input impedance into Table 6.
AIN (ADC) impedance and external voltage divider setup into the 6.1
Circuit.section.
Jonathan Kaye
1.5
10 Jan 2014
Updated TOC with correct page numbers.
Added noted regarding smartBASIC firmware’s lack of support for GPIO
high drive state.
Jonathan Kaye
1.6
06 Feb 2014
Updated Bluetooth SIG Qualification section.
Jonathan Kaye
1.7
18 Feb 2014
Updated Operating temperature range
Jonathan Kaye
1.8
04 April2014
Updated or added the following for the BL600-Sx-04:
Lower power consumption figures (standby doze, deep sleep)
and lower peripheral (UART, SPI, I2C, ADC) block currents for the
BL600-Sx-04 (new Nordic silicon).
Improved UART with deep RX buffer (6 bytes instead of 2 bytes).
Increased the Absolute Max rating on the VCC pin from 3.6V to
3.9V.
Added a note for External 12K resistor to GND on SWDCLK pin
NOT required on BL600-Sx-04.
Added the following for all BL600 module revisions to align with FW
features:
Section on PWM output and FREQ output signals.
Note on GPIO high drive strength (5 mA).
Note regarding internal DCDC convertor turned OFF on
recommendation from chipset supplier until further notice.
Jonathan Kaye



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com