Electronic Components Datasheet Search
  English  ▼

X  

BL600-SC Datasheet(PDF) 39 Page - Laird Tech Smart Technology

Part # BL600-SC
Description  Single Mode Bluetooth Low Energy (BLE) Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL600-SC Datasheet(HTML) 39 Page - Laird Tech Smart Technology

Back Button BL600-SC Datasheet HTML 35Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 36Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 37Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 38Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 39Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 40Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 41Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 42Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 43Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Single Mode BLE Modules
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
39
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Any modules not manufactured before exceeding their floor life should be re-packaged with fresh desiccate and
a new humidity indicator card. Floor life for MSL (Moisture Sensitivity Level) 3 devices is 168 hours in ambient
environment 30°C/60%RH.
Table 20: Recommended baking times and temperatures
MSL
125°C
Baking Temp.
90°C/≤ 5%RH
Baking Temp.
40°C/ ≤ 5%RH
Baking Temp.
Saturated
@ 30°C/85%
Floor Life Limit
+ 72 hours
@ 30°C/60%
Saturated
@
30°C/85%
Floor Life Limit
+ 72 hours
@ 30°C/60%
Saturated
@ 30°C/85%
Floor Life Limit
+ 72 hours @
30°C/60%
3
9 hours
7 hours
33 hours
23 hours
13 days
9 days
Laird surface mount modules are designed to be easily manufactured, including reflow soldering to a PCB.
Ultimately it is the responsibility of the customer to choose the appropriate solder paste and to ensure oven
temperatures during reflow meet the requirements of the solder paste. Laird surface mount modules conform
to J-STD-020D1 standards for reflow temperatures.
Important: During reflow, modules should not be above 260° and not for more than 30 seconds.
Figure 16: Recommended Reflow Temperature
Temperatures should not exceed the minimums or maximums presented in Table 21.
Table 21: Recommended Maximum and minimum temperatures
Specification
Value
Unit
Temperature Inc./Dec. Rate (max)
1~3
°C / Sec
Temperature Decrease rate (goal)
2-4
°C / Sec
Soak Temp Increase rate (goal)
.5 - 1
°C / Sec
Flux Soak Period (Min)
70
Sec
Flux Soak Period (Max)
120
Sec
Flux Soak Temp (Min)
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com