Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3015 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSSC3015
Description  Sensor Signal Conditioner with Diagnostics
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3015 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSSC3015 Datasheet HTML 1Page - Integrated Device Technology ZSSC3015 Datasheet HTML 2Page - Integrated Device Technology ZSSC3015 Datasheet HTML 3Page - Integrated Device Technology ZSSC3015 Datasheet HTML 4Page - Integrated Device Technology ZSSC3015 Datasheet HTML 5Page - Integrated Device Technology ZSSC3015 Datasheet HTML 6Page - Integrated Device Technology ZSSC3015 Datasheet HTML 7Page - Integrated Device Technology ZSSC3015 Datasheet HTML 8Page - Integrated Device Technology ZSSC3015 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
RBicdLite-AutoTM Sensor Signal
Conditioner with Diagnostics
ZSSC3015
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 20, 2016
2
1
5
6
7
8
3
4
ZSSC3015
Bsink
VBP
ExtTemp
VBN
VSS
Sig
TM
VDD
Vgate
0.1
µF
Vsupply
Ground
+2.7 to +5.5 V
OUT
Optional Bsink
2
1
5
6
7
8
3
4
ZSSC3015
Bsink
VBP
ExtTemp
VBN
VSS
Sig
TM
VDD
Vgate
0.1
µF
Vsupply
Ground
+5.5 to +30 V
OUT
Optional Bsink
S
D
BSS169
Highly Versatile Applications
in Many Markets Including
Industrial
Building Automation
Office Automation
White Goods
Automotive
Portable Devices
Your Innovative Designs
Analog Block
Digital Block
RBicdLite-Auto
ZSSC3015
0.1
µF
VSS
VBP
12-Bit
DAC
OUTBUF1
ZACwire
TM
Interface
Digital
Core
EEPROM
with Charge
Pump
PREAMP
INMUX
Temperature
Reference
Voltage
Reference
Power Save
POR/Oscillator
VBN
Vgate
Sig
TM
Bsink
(Optional)
VDD (2.7 to 5.5 V)
JFET
1
(Optional if supply is 2.7 to 5.5 V)
D
S
VSUPPLY
5.5 V to 30 V
Sensor
Diagnostics
ExtTemp
Power Lost
Diagnostic
A
D
14-Bit ADC
_
+
PTAT
Optional
Ext. Diode
for Temp
0 V to 1 V
Ratiometric
Rail-to-Rail
OWI/ZACwire
TM
ZSSC3015 Block Diagram
Rail-to-Rail Ratiometric Voltage Output Applications
Absolute Analog Voltage Output Applications
Part Ordering Examples (See section 11 in the data sheet for additional options.)
Sales Code
Description
Package
ZSSC3015NE1B
ZSSC3015 Die — Temperature range: -50°C to +150°C
Unsawn on Wafer
ZSSC3015NE1C
ZSSC3015 Die — Temperature range: -50°C to +150°C
Sawn on Wafer Frame
ZSSC3015NE2T(R) ZSSC3015 SOP8 (150 mil) — Temperature range: -50°C to +150°C
Tube: add “-T” to sales code. Reel: add “-R”
ZSSC3015KIT
ZSSC3015 SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement
Board, USB cable, 5 IC samples, instructions for downloading SSC Evaluation Software
Kit
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com