Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3015 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSSC3015
Description  Sensor Signal Conditioner with Diagnostics
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3015 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSSC3015 Datasheet HTML 17Page - Integrated Device Technology ZSSC3015 Datasheet HTML 18Page - Integrated Device Technology ZSSC3015 Datasheet HTML 19Page - Integrated Device Technology ZSSC3015 Datasheet HTML 20Page - Integrated Device Technology ZSSC3015 Datasheet HTML 21Page - Integrated Device Technology ZSSC3015 Datasheet HTML 22Page - Integrated Device Technology ZSSC3015 Datasheet HTML 23Page - Integrated Device Technology ZSSC3015 Datasheet HTML 24Page - Integrated Device Technology ZSSC3015 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
ZSSC3015 Datasheet
© 2016 Integrated Device Technology, Inc.
48
January 20, 2016
Normal Operation Mode
Start_NOM
Power ON
Command Mode
Raw Mode
No commands possible.
Measurement cycle.
Conditioning calculations
(corrected bridge and
temperature values).
Depending on the
configuration, the Sig
TM pin is
- 0 V to 1 V;
- Rail-to-rail ratiometric;
- Digital output
Diagnostic functions.
Measurement cycle stopped.
Full command set.
Command routine will be
processed after each
command
Measurement cycle.
Sig
TM pin provides raw bridge
and temperature values in the
format:
- Bridge_high
(1
st byte)
- Bridge_low
(2
nd byte)
- Temp
(3
rd byte)
Start_RM
Command
Window (3.5ms or 10ms);
Send Start_CM
Start_CM
No Command
Power OFF
Diagnostic
State*
Error Detection
Figure 3.1
General Working Mode
* See section 2.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com