Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3015 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ZSSC3015
Description  Sensor Signal Conditioner with Diagnostics
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3015 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ZSSC3015 Datasheet HTML 9Page - Integrated Device Technology ZSSC3015 Datasheet HTML 10Page - Integrated Device Technology ZSSC3015 Datasheet HTML 11Page - Integrated Device Technology ZSSC3015 Datasheet HTML 12Page - Integrated Device Technology ZSSC3015 Datasheet HTML 13Page - Integrated Device Technology ZSSC3015 Datasheet HTML 14Page - Integrated Device Technology ZSSC3015 Datasheet HTML 15Page - Integrated Device Technology ZSSC3015 Datasheet HTML 16Page - Integrated Device Technology ZSSC3015 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
ZSSC3015 Datasheet
© 2016 Integrated Device Technology, Inc.
48
January 20, 2016
)
_
/
_
(
)
1
(
_
Tco
T
B
Offset
Raw
BR
Tcg
T
B
Gain
ZB
∗
∆
+
+
−
∗
∗
∆
+
=
)
25
.
1
(
ZB
SOT
ZB
RB
∗
+
=
2.2.4.
Analog-to-Digital Converter (ADC)
A 14-bit 2
nd order charge-balancing ADC is used to convert signals coming from the pre-amplifier. The converter,
designed in full differential switched capacitor technique, is used for converting the various signals in the digital
domain.
This principle offers the following advantages:
•
High noise immunity because of the differential signal path and integrating behavior
•
Independence from clock frequency drift and clock jitter
•
Fast conversion time due to second order mode
Parameters of the ADC can be controlled with EEPROM settings given in section 3.6.
Four selectable values for the zero point of the input voltage allow conversion to adapt to the sensor’s offset
parameter. With the Flip Polarity Mode and the negative digital gain options, this results in seven possible zero
point adjustments (not eight because the -1/2,1/2 offset setting is the same regardless of gain polarity).
The conversion rate varies with the programmed update rate. The fastest conversation rate is 1k samples/s.
Based on a best fit, the integral nonlinearity (INL) is less than 4 LSB14Bit.
2.3.
Digital Signal Processor
A digital signal processor (DSP) is used for processing the converted bridge data as well as performing
temperature correction and computing the temperature value for output on the digital channel.
The digital core reads correction coefficients from EEPROM and can correct for the following:
• Bridge Offset
• Bridge Gain
• Variation of Bridge Offset over Temperature (Tco)
• Variation of Bridge Gain over Temperature (Tcg)
• A single second-order effect (SOT) (Second Order Term)
The EEPROM contains a single SOT that can be applied to correct one and only one of the following:
• 2
nd order behavior of bridge measurement
• 2
nd order behavior of Tco
• 2
nd order behavior of Tcg
If the SOT applies to correcting the bridge reading, then the correction formula for the bridge reading is
represented as a two-step process as follows:
(1)
(2)
Where:
BR
=
Corrected Bridge reading that is output as digital or analog on Sig
™ pin
ZB
=
Intermediate result in the calculations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com