Electronic Components Datasheet Search
  English  ▼

X  

ML60.241 Datasheet(PDF) 10 Page - PULS GmbH

Part # ML60.241
Description  24V, 2.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.241 Datasheet(HTML) 10 Page - PULS GmbH

Back Button ML60.241 Datasheet HTML 6Page - PULS GmbH ML60.241 Datasheet HTML 7Page - PULS GmbH ML60.241 Datasheet HTML 8Page - PULS GmbH ML60.241 Datasheet HTML 9Page - PULS GmbH ML60.241 Datasheet HTML 10Page - PULS GmbH ML60.241 Datasheet HTML 11Page - PULS GmbH ML60.241 Datasheet HTML 12Page - PULS GmbH ML60.241 Datasheet HTML 13Page - PULS GmbH ML60.241 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ML60.241
MiniLine-2
24V, 2.5A, SINGLE PHASE INPUT
11. TERMINALS AND WIRING
All terminals are easy to access when mounted on the panel. Input and output terminals are separated from each
other (input below, output above) to help in error-free wiring.
Input
Output
Type
screw terminals
screw terminals
Solid wire
max. 6mm2
max. 6mm2
Stranded wire
max. 4mm2
max. 4mm2
American Wire Gauge
max. AWG10
max. AWG10
Wire stripping length
7mm / 0.275inch
7mm / 0.275inch
Screwdriver
3.5mm slotted or
Pozidrive No 2
3.5mm slotted or
Pozidrive No 2
Recommended tightening torque
1Nm, 9lb.in
1Nm, 9lb.in
Instructions:
a) Use appropriate copper cables that are designed for an operating temperature of:
60°C for ambient up to 45°C and 75°C for ambient up to 60°C minimum.
b) Follow national installation codes and installation regulations!
c) Ensure that all strands of a stranded wire enter the terminal connection!
d) Up to two stranded wires with the same cross section are permitted in one connection point (except PE wire).
e) Do not use the unit without PE connection.
f) Screws of unused terminal compartments should be securely tightened.
g) Ferrules are allowed.
12. LIFETIME EXPECTANCY AND MTBF
These units are extremely reliable and use only the highest quality materials. The number of critical components such
as electrolytic capacitors has been reduced.
AC 100V
AC 120V
AC 230V
Lifetime expectancy *)
71 000h
93 000h
128 000h
at 24V, 2.5A and 40°C
200 000h *)
264 000h *)
363 000h *)
at 24V, 1.25A and 40°C
162 000h *)
233 000h *)
327 000h *)
at 24V, 2.5A and 25°C
MTBF **) SN 29500, IEC 61709
1 391 000h
1 667 000h
1 916 000h
at 24V, 2.5A and 40°C
2 541 000h
2 964 000h
3 345 000h
at 24V, 2.5A and 25°C
MTBF **) MIL HDBK 217F
1 038 000h
1 112 000h
1 060 000h
at 24V, 2.5A , 40°C; Ground Benign GB40
1 414 000h
1 517 000h
1 450 000h
at 24V, 2.5A , 25°C; Ground Benign GB25
269 000h
295 000h
291 000h
at 24V, 2.5A , 40°C; Ground Fixed GF40
355 000h
389 000h
384 000h
at 24V, 2.5A , 25°C; Ground Fixed GF25
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors only guarantees a maximum life of up to 15 years
(131 400h). Any number exceeding this value is a calculated theoretical lifetime which can be used to compare devices.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not be determined if the failed unit
has been running for 50 000h or only for 100h.
Nov. 2015 / Rev. 1.4 DS-ML60.241-EN
All parameters are specified at 24V, 2.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com