Electronic Components Datasheet Search
  English  ▼

X  

ML60.241 Datasheet(PDF) 1 Page - PULS GmbH

Part # ML60.241
Description  24V, 2.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.241 Datasheet(HTML) 1 Page - PULS GmbH

  ML60.241 Datasheet HTML 1Page - PULS GmbH ML60.241 Datasheet HTML 2Page - PULS GmbH ML60.241 Datasheet HTML 3Page - PULS GmbH ML60.241 Datasheet HTML 4Page - PULS GmbH ML60.241 Datasheet HTML 5Page - PULS GmbH ML60.241 Datasheet HTML 6Page - PULS GmbH ML60.241 Datasheet HTML 7Page - PULS GmbH ML60.241 Datasheet HTML 8Page - PULS GmbH ML60.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ML60.241
MiniLine-2
24V, 2.5A, SINGLE PHASE INPUT
POWER SUPPLY
100-240V Wide Range Input
NEC Class 2 Compliant
Adjustable Output Voltage
Efficiency up to 89.7%
Low No-load Losses and Excellent Partial-load Efficiency
Compact Design, Width only 45mm
Full Power between -10°C and +60°C
Large International Approval Package
3 Year Warranty
1/23
GENERAL DESCRIPTION
A compact size, light weight, simple mounting onto the
DIN-rail and the utilization of only quality components
are what makes the MiniLine power supplies so easy to
use and install within seconds.
A rugged electrical and mechanical design as well as a
high immunity against electrical disturbances on the
mains provides reliable output power. This offers
superior protection for equipment which is connected
to the public mains network or is exposed to a critical
industrial environment.
The MiniLine series offers output voltages from 5 to
56Vdc and a power rating from 15W to 120W.
The supplementary MiniLine decoupling diode module
MLY10.241 allows building of redundant systems or to
protect against back-feeding voltages.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24 - 28V
Output current
2.5A at 24V
2.1A at 28V
Output power
60W
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
AC 100-240V
-15% / +10%
Mains frequency
50-60Hz
±6%
AC Input current
0.98 / 0.58A
at 120 / 230Vac
Power factor
0.58 / 0.5
at 120 / 230Vac
AC Inrush current
typ. 16 / 32A
peak value at 120
/ 230Vac 40°C
and cold start
DC Input
88-375Vdc
below 110Vdc
derating required
Efficiency
87.8 / 89.7%
at 120 / 230Vac
Losses
8.3 / 6.7W
at 120 / 230Vac
Temperature range -10°C to +70°C
operational
Derating
1.5W/°C
+60 to +70°C
Hold-up time
typ. 24 / 107ms
at 120 / 230Vac
Dimensions
45x75x91mm
WxHxD
Weight
250g / 0.55lb
ORDER NUMBERS
Power Supply
ML60.241
24-28V Standard unit
Accessory
MLY10.241
Redundancy Module
UF20.241
Buffer Module
ZM3.WALL
Wall mount bracket
MARKINGS
Ind. Cont. Eq. UL 508
UL 60950-1
Marine
Class I Div 2
NEC
Class 2
EMC, LVD
Nov. 2015 / Rev. 1.4 DS-ML60.241-EN
All parameters are specified at 24V, 2.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - ML60.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML60.242 PULS-ML60.242 Datasheet
657Kb / 23P
24V, 2.5A, SINGLE PHASE INPUT
More results

Similar Description - ML60.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
24V, 10A, SINGLE PHASE INPUT
CS10.244 PULS-CS10.244 Datasheet
670Kb / 24P
24V, 10A, SINGLE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
24V, 20A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
24V, 10A, SINGLE PHASE INPUT
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
24V, 10A, SINGLE PHASE INPUT
ML60.242 PULS-ML60.242 Datasheet
657Kb / 23P
24V, 2.5A, SINGLE PHASE INPUT
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
24V, 10A, SINGLE PHASE INPUT
CP20.241 PULS-CP20.241 Datasheet
967Kb / 27P
24V, 20A, SINGLE PHASE INPUT
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
24V, 20A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com