Electronic Components Datasheet Search
  English  ▼

X  

ML60.241 Datasheet(PDF) 4 Page - PULS GmbH

Part # ML60.241
Description  24V, 2.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.241 Datasheet(HTML) 4 Page - PULS GmbH

  ML60.241 Datasheet HTML 1Page - PULS GmbH ML60.241 Datasheet HTML 2Page - PULS GmbH ML60.241 Datasheet HTML 3Page - PULS GmbH ML60.241 Datasheet HTML 4Page - PULS GmbH ML60.241 Datasheet HTML 5Page - PULS GmbH ML60.241 Datasheet HTML 6Page - PULS GmbH ML60.241 Datasheet HTML 7Page - PULS GmbH ML60.241 Datasheet HTML 8Page - PULS GmbH ML60.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ML60.241
MiniLine-2
24V, 2.5A, SINGLE PHASE INPUT
3. AC-INPUT
AC input
nom.
AC 100-240V
-15% / +10%, TN/TT/IT-mains
AC input range
85-264Vac
continuous operation, reduce output power linearly
to 50W between 90Vac and 85Vac at ambient
temperatures above +45°C, see Fig. 3-5
264–300Vac
< 0.5s
Allowed voltage L or N to earth
max.
264Vac or 375Vdc
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
65Vac
Shut-down voltage
typ.
see Fig. 3-1
AC 100V
AC 120V
AC 230V
Input current (rms)
typ.
1.14A
0.98A
0.58A
at 24V, 2.5A see Fig. 3-3
Power factor *)
typ.
0.61
0.58
0.50
at 24V, 2.5A see Fig. 3-4
Crest factor **)
typ.
3.2
3.3
3.7
at 24V, 2.5A
Start-up delay
typ.
170ms ***)
110ms ***)
90ms
see Fig. 3-2
Rise time
typ.
50ms
50ms
60ms
at 24V, 2.5A, 0mF, see Fig. 3-2
120ms
110ms
140ms
at 24V, 2.5A, 2.5mF
Turn-on overshoot
max.
200mV
200mV
200mV
see Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
***) At low temperatures, start-up attempts may occur which extends the start-up delay
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
4/23
85
Rated
input range
max.
500ms
V
IN
V
OUT
300Vac
264
65
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output load at 24V
Fig. 3-4 Power factor vs. output load at 24V
2.5A
0.5
1.5
0
0
0.4
1.2A
Input Current, typ.
2.0
Power Factor, typ.
0.8
1.0
1.0
0.6
0.2
b
c
a
0.50
0.55
0.60
0.65
a) 100Vac
b) 120Vac
c) 230Vac
Output Current
2.5A
0
0.5
1.0
2.0
a) 100Vac
b) 120Vac
c) 230Vac
0.40
0.45
b
a
c
Output Current
1.5
Nov. 2015 / Rev. 1.4 DS-ML60.241-EN
All parameters are specified at 24V, 2.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com