Electronic Components Datasheet Search
  English  ▼

X  

MSD45N Datasheet(PDF) 19 Page - Laird Tech Smart Technology

Part # MSD45N
Description  Initial Release
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MSD45N Datasheet(HTML) 19 Page - Laird Tech Smart Technology

Back Button MSD45N Datasheet HTML 15Page - Laird Tech Smart Technology MSD45N Datasheet HTML 16Page - Laird Tech Smart Technology MSD45N Datasheet HTML 17Page - Laird Tech Smart Technology MSD45N Datasheet HTML 18Page - Laird Tech Smart Technology MSD45N Datasheet HTML 19Page - Laird Tech Smart Technology MSD45N Datasheet HTML 20Page - Laird Tech Smart Technology MSD45N Datasheet HTML 21Page - Laird Tech Smart Technology MSD45N Datasheet HTML 22Page - Laird Tech Smart Technology MSD45N Datasheet HTML 23Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
MSD45N
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
19
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Federal Communication Commission Interference Statement
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to
Part 15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful
interference in a residential installation. This equipment generates, uses, and can radiate radio frequency
energy and, if not installed and used in accordance with the instructions, may cause harmful interference to
radio communications. However, there is no guarantee that interference will not occur in a particular
installation. If this equipment does cause harmful interference to radio or television reception, which can be
determined by turning the equipment off and on, the user is encouraged to try to correct the interference
by one of the following measures:
1. Reorient or relocate the receiving antenna.
2. Increase the separation between the equipment and receiver.
3. Connect the equipment into an outlet on a circuit different from that to which the receiver is connected.
4. Consult the dealer or an experienced radio/TV technician for help.
FCC Caution: Any changes or modifications not expressly approved by the party responsible for compliance
could void the user's authority to operate this equipment.
This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions: (1)
This device may not cause harmful interference, and (2) this device must accept any interference received,
including interference that may cause undesired operation.
This device is restricted to indoor use when operated in the 5.15 to 5.25 GHz frequency range.
FCC requires this product to be used indoors for the frequency range 5.15 to 5.25 GHz to reduce the
potential for harmful interference to co-channel Mobile Satellite systems.
This device does not permit operations on channels 116-128 (5580 – 5640 MHz) for 11na and 120-128
(5600-5640 MHz) for 11a which overlap the 5600 -5650 MHz band.
IMPORTANT NOTE: FCC Radiation Exposure Statement:
This equipment complies with FCC radiation exposure limits set forth for an uncontrolled
environment. This equipment should be installed and operated with minimum distance 20cm between
the radiator & your body.
This device is intended only for OEM integrators under the following conditions:
The antenna must be installed such that 20 cm is maintained between the antenna and users, and
The transmitter module may not be co-located with any other transmitter or antenna,
For all products marketed in the United States, the OEM must limit the operation channels from CH1 to
CH11 for 2.4 GHz band by the supplied firmware programming tool. The OEM shall not supply any tool or
information to the end-user regarding Regulatory Domain change.
As long as the three conditions above are met, further transmitter testing is not required. However, the
OEM integrator is still responsible for testing their end-product for any additional compliance requirements
required with this module installed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com