Electronic Components Datasheet Search
  English  ▼

X  

MSD45N Datasheet(PDF) 20 Page - Laird Tech Smart Technology

Part # MSD45N
Description  Initial Release
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MSD45N Datasheet(HTML) 20 Page - Laird Tech Smart Technology

Back Button MSD45N Datasheet HTML 16Page - Laird Tech Smart Technology MSD45N Datasheet HTML 17Page - Laird Tech Smart Technology MSD45N Datasheet HTML 18Page - Laird Tech Smart Technology MSD45N Datasheet HTML 19Page - Laird Tech Smart Technology MSD45N Datasheet HTML 20Page - Laird Tech Smart Technology MSD45N Datasheet HTML 21Page - Laird Tech Smart Technology MSD45N Datasheet HTML 22Page - Laird Tech Smart Technology MSD45N Datasheet HTML 23Page - Laird Tech Smart Technology MSD45N Datasheet HTML 24Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
MSD45N
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
20
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
IMPORTANT NOTE:
In the event that these conditions cannot be met (for example, certain laptop
configurations or co-location with another transmitter), then the FCC authorization is no
longer considered valid and the FCC ID cannot be used on the final product. In these
circumstances, the OEM integrator is responsible for re-evaluating the end product
(including the transmitter) and obtaining a separate FCC authorization.
9.2.1.2 End Product Labeling
This transmitter module is authorized only for use in device where the antenna is installed such that 20 cm is
maintained between the antenna and users. The final end product must be labeled in a visible area with the
following: “Contains FCC ID: SQG-MSD45N”.
9.2.1.3 Manual Information to the End User
The OEM integrator may NOT provide information to the end user regarding how to install or remove this RF
module in the user’s manual of the end product which integrates this module.
The end user manual shall include all required regulatory information/warnings as show in this Hardware
Integration Guide.
9.2.2 Industry Canada
Note:
You must place “Contains IC ID: 3147A-MSD45N” on the host product in such a location that it can be
seen by an operator at the time of purchase.
9.2.2.1 User’s Guide Requirements (for Model # MSD45N)
RF Radiation Hazard Warning
To ensure compliance with FCC and Industry Canada RF exposure requirements, this device must be installed in
a location where the antennas of the device will have a minimum distance of at least 20 cm from all persons.
Using higher gain antennas and types of antennas not certified for use with this product is not allowed. The
device shall not be co-located with another transmitter.
Installez l'appareil en veillant à conserver une distance d'au moins 20 cm entre les éléments rayonnants et les
personnes. Cet avertissement de sécurité est conforme aux limites d'exposition définies par la norme CNR-102
at relative aux fréquences radio.
Maximum Antenna Gain – If the integrator configures the device such that the antenna is detectable from the
host product.
This radio transmitter (identify the device by certification number, or model number if Category II) has been
approved by Industry Canada to operate with the antenna types listed below with the maximum permissible
gain and required antenna impedance for each antenna type indicated. Antenna types not included in this list,
having a gain greater than the maximum gain indicated for that type, are strictly prohibited for use with this
device.
Antenna list refer to Certified Antennas.
Le présent émetteur radio (IC: XXXXX-XXXXXXXXX) a été approuvé par Industrie Canada pour fonctionner avec
les types d'antenne énumérés ci-dessous et ayant un gain admissible maximal et l'impédance requise pour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com