Electronic Components Datasheet Search
  English  ▼

X  

SSD45N Datasheet(PDF) 13 Page - Laird Tech Smart Technology

Part # SSD45N
Description  Power supply voltage with respect to ground
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SSD45N Datasheet(HTML) 13 Page - Laird Tech Smart Technology

Back Button SSD45N Datasheet HTML 9Page - Laird Tech Smart Technology SSD45N Datasheet HTML 10Page - Laird Tech Smart Technology SSD45N Datasheet HTML 11Page - Laird Tech Smart Technology SSD45N Datasheet HTML 12Page - Laird Tech Smart Technology SSD45N Datasheet HTML 13Page - Laird Tech Smart Technology SSD45N Datasheet HTML 14Page - Laird Tech Smart Technology SSD45N Datasheet HTML 15Page - Laird Tech Smart Technology SSD45N Datasheet HTML 16Page - Laird Tech Smart Technology SSD45N Datasheet HTML 17Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SSD45N
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
13
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Pin
#
Pin Name
I/O
Default
State
Ref.
Description
If Unused
25
SDIO_CMD
I/O
Pull-H
VDD_IO
SDIO command
26
SDIO_DATA_2
I/O
Pull-H
VDD_IO
SDIO data pin bit 2
27
SDIO_DATA_3
I/O
Pull-H
VDD_IO
SDIO data pin bit 3
28
GND
-
-
-
Ground
Must be connected
to GND
29
VCC3_3
-
-
-
3.3 V module power
30
GND
-
-
-
Ground
Must be connected
to GND
31
VDD3_3
-
-
-
3.3 V module power
32
VDD3_3
-
-
-
3.3 V module power
33
VDD_IO
-
-
-
I/O bus voltage configuration;
Either 3.3 V or 1.8 V
34
GND
-
-
-
Ground
Must be connected
to GND
35
CLK_32K
I
Optional External 32kHz clock input
36
GND
-
-
-
Ground
Must be connected
to GND
37
BT_CLK_OUT
O
Reference clock output to to BT chip
No Connect
38
GND
Ground
Must be connected
to GND
39
BT_RX_FRAME
I
Optional software GPIO
40
BT_ACTIVE
I
Hi-Z
VDD_IO
Asserted for BT TX/RX
No Connect
41
BT_PRIORITY
I
Hi-Z
VDD_IO
Priority of BT transmission and direction
(TX or RX)
No Connect
42
BT_FREQ
I
BT FREQUENCY signal from BT chip
No Connect
43
WL_LED_ACTIVE
O
Low
Decision of coexistence logic for BT
frame.
A logic high indicates BT to stop
transmission. A logic low allows BT to
continue with TX/RX.
No Connect
44
BT_CLK_REQ
I
Clock request signal from BT chip
Must be connected
to GND
45
GND
-
-
-
Ground
Must be connected
to GND
46
CLK_REQ_OUT
O
-
-
CLK_REQ signal indicating when a
reference clock is needed.
47
VDD1_8
-
-
-
1.8V power supply
48
VDD1_8
-
-
-
1.8V power supply
49
DVDD_SOC1
-
-
-
GPIO
50
CHIP_PWD_L
I
Pull-H
VDD_IO
Input signal to power down the module.
Active low
See Note Regarding CHIP_PWD_L.
51
HMODE0
I
Select the host interface
SDIO: HM0=High; HM1=high
GSPI: HM0=Low HM1=High
52
HMODE1
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com