Electronic Components Datasheet Search
  English  ▼

X  

SSD45N Datasheet(PDF) 21 Page - Laird Tech Smart Technology

Part # SSD45N
Description  Power supply voltage with respect to ground
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SSD45N Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button SSD45N Datasheet HTML 17Page - Laird Tech Smart Technology SSD45N Datasheet HTML 18Page - Laird Tech Smart Technology SSD45N Datasheet HTML 19Page - Laird Tech Smart Technology SSD45N Datasheet HTML 20Page - Laird Tech Smart Technology SSD45N Datasheet HTML 21Page - Laird Tech Smart Technology SSD45N Datasheet HTML 22Page - Laird Tech Smart Technology SSD45N Datasheet HTML 23Page - Laird Tech Smart Technology SSD45N Datasheet HTML 24Page - Laird Tech Smart Technology SSD45N Datasheet HTML 25Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
SSD45N
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
21
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
We recommend that the peak temperature at the solder joint be within 240°C ~ 250°C and the maximum
component temperature should not exceed 250°C.
We recommend that time above 220°C for the solder joints is between 60-80 seconds, and with a minimum of
50 seconds.
Excessive ramp/cooling rates (>3°C/second) should be avoided.
To develop the reflow profile, we recommend that you place thermocouples at various locations on the
assembly to confirm that all locations meet the profile requirements. The critical locations are the solder joints
of SiP Module. We also recommend that you use the actual fully loaded assembly to account for the total
thermal mass.
9 RF LAYOUT DESIGN GUIDELINES
The following is a list of RF layout design guidelines and recommendation when installing a Laird radio into your
device.
Do not run antenna cables directly above or directly below the radio.
Do not place any parts or run any high speed digital lines below the radio.
If there are other radios or transmitters located on the device (such as a Bluetooth radio), place the devices
as far apart from each other as possible.
Ensure that there is the maximum allowable spacing separating the antenna connectors on the Laird radio
from the antenna. In addition, do not place antennas directly above or directly below the radio.
Laird recommends the use of a double shielded cable for the connection between the radio and the
antenna elements.
Laird has provided three plated mounting holes that can be used for grounding. When additional ground
plane is required, you may use some or all of these grounded mounting holes.
Use proper electro-static-discharge (ESD) procedures when installing the Laird radio module.
For system schematic relative module, please don’t put via on module’s pad. To avoid void occupy on
solder paste pad.
Need to place enough ground via under the SSD45NBT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com