Electronic Components Datasheet Search
  English  ▼

X  

MAX14941 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14941
Description  5kV Isolated 20Mbps Half-Duplex PROFIBUS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14941 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14941 Datasheet HTML 7Page - Maxim Integrated Products MAX14941 Datasheet HTML 8Page - Maxim Integrated Products MAX14941 Datasheet HTML 9Page - Maxim Integrated Products MAX14941 Datasheet HTML 10Page - Maxim Integrated Products MAX14941 Datasheet HTML 11Page - Maxim Integrated Products MAX14941 Datasheet HTML 12Page - Maxim Integrated Products MAX14941 Datasheet HTML 13Page - Maxim Integrated Products MAX14941 Datasheet HTML 14Page - Maxim Integrated Products MAX14941 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
(VDDA – VGNDA = 3.3V, VDDB – VGNDB = 5V, VGNDA = VGNDB, and TA = +25°C, unless otherwise noted.)
RECEIVER
PROPAGATION DELAY
RXD
2V/div
0V
B
1V/div
A
1V/div
toc12
10ns/div
CL = 15pF
0
10
20
30
40
50
60
70
80
-45 -30 -15 0 15 30 45 60 75 90 105
TEMPERATURE (°C)
DRIVER ENABLE/DISABLE
DELAY vs. TEMPERATURE
toc10
tDZH
tDZL
tDHZ
tDLZ
0
10
20
30
40
50
60
70
80
0
5
10
15
20
DATA RATE (Mbps)
VDDB SUPPLY
CURRENT vs. DATA RATE
toc14
NO LOAD
54Ω LOAD
120Ω LOAD
DRIVER
PROPAGATION DELAY
TXD
2V/div
0V
A
1V/div
B
1V/div
toc11
10ns/div
RL = 54Ω
CL = 50pF
0
1
2
3
4
5
6
7
8
0
5
10
15
20
DATA RATE (Mbps)
VDDA SUPPLY CURRENT
vs. DATA RATE
toc13
Maxim Integrated │ 11
www.maximintegrated.com
MAX14941/MAX14942
5kV Isolated 20Mbps Half-Duplex PROFIBUS/
RS-485 Transceivers with ±35kV ESD Protection
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com