Electronic Components Datasheet Search
  English  ▼

X  

MAX14941 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14941
Description  5kV Isolated 20Mbps Half-Duplex PROFIBUS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14941 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14941 Datasheet HTML 1Page - Maxim Integrated Products MAX14941 Datasheet HTML 2Page - Maxim Integrated Products MAX14941 Datasheet HTML 3Page - Maxim Integrated Products MAX14941 Datasheet HTML 4Page - Maxim Integrated Products MAX14941 Datasheet HTML 5Page - Maxim Integrated Products MAX14941 Datasheet HTML 6Page - Maxim Integrated Products MAX14941 Datasheet HTML 7Page - Maxim Integrated Products MAX14941 Datasheet HTML 8Page - Maxim Integrated Products MAX14941 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
VDDA to GNDA ......................................................-0.3V to +6V
VDDB to GNDB.......................................................-0.3V to +6V
VLDO to GNDB .....................................................-0.3V to +16V
TXD, DE, RE, PV to GNDA ....................................-0.3V to +6V
SBA, RXD to GNDA ............................. -0.3V to (VDDA + 0.3V)
DEM to GNDB ...................................... -0.3V to (VDDB + 0.3V)
A, B to GNDB ...........................................................-8V to +13V
Short Circuit Duration (RXD, SBA to GNDA,
A, B, DEM ,VDDB to GNDB)..................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-pin W SOIC (derate 14.1mW/°C
above +70°C) .........................................................1126.8mW
Operating Temperature Range......................... -40°C to +105°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
Junction-to-Ambient Thermal Resistance (θJA) ..............71°C/W
Junction-to-Case Thermal Resistance (θJC)...................23°C/W
(Note 1)
DC Electrical Characteristics
(VDDA – VGNDA = 1.71V to 5.5V, VDDB – VGNDB = 4.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at VDDA – VGNDA = 3.3V, VDDB – VGNDB = 5V, VGNDA = VGNDB, and TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER
Supply Voltage
VDDA
1.71
5.5
V
VDDB
4.5
5.5
Supply Current
IDDA
VDDA = 5V, DE = high, RE = TXD =
low, RXD unconnected, no bus load
4
6.6
mA
IDDB
DE = high, RE = TXD = low, RXD un-
connected, no bus load, VDDB = 5V
7.6
12.5
Undervoltage Lockout Thresh-
old
VUVLOA
VDDA rising
1.50
1.58
1.65
V
VUVLOB
VDDB rising
2.55
2.7
2.85
Undervoltage Lockout Thresh-
old Hysteresis
VUVHYSTA
50
mV
VUVHYSTB
200
LDO
LDO Supply Voltage
VLDO
Relative to GNDB, LDO is on (Note 4)
4.68
14
V
LDO Supply Current
ILDO
DE = high, TXD = low, no bus load,
VLDO = 5V
7.7
12.9
mA
LDO Output Voltage
VDDB
4.5
5
5.5
V
LDO Current Limit
300
mA
Load Regulation
VLDO = 5.68V, ILOAD = 20mA to
40mA
0.19
1.7
mV/mA
Line Regulation
VLDO = 5.68V to 14V, ILOAD = 20mA
0.12
1.8
mV/V
MAX14941/MAX14942
5kV Isolated 20Mbps Half-Duplex PROFIBUS/
RS-485 Transceivers with ±35kV ESD Protection
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com