Electronic Components Datasheet Search
  English  ▼

X  

MAX14941 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX14941
Description  5kV Isolated 20Mbps Half-Duplex PROFIBUS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14941 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX14941 Datasheet HTML 9Page - Maxim Integrated Products MAX14941 Datasheet HTML 10Page - Maxim Integrated Products MAX14941 Datasheet HTML 11Page - Maxim Integrated Products MAX14941 Datasheet HTML 12Page - Maxim Integrated Products MAX14941 Datasheet HTML 13Page - Maxim Integrated Products MAX14941 Datasheet HTML 14Page - Maxim Integrated Products MAX14941 Datasheet HTML 15Page - Maxim Integrated Products MAX14941 Datasheet HTML 16Page - Maxim Integrated Products MAX14941 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
PIN
NAME
REFERENCE
FUNCTION
MAX14941 MAX14942
7
-
PV
GNDA
Power Valid Input. Hold PV low to disable the driver while the supplies
stabilize. Pull PV high when power is stable to enable the driver. PV has an
internal 4.5µA pull-up to VDDA.
-
7
SBA
GNDA
Side B Active Indicator Output. SBA asserts low when side B is powered and
working. SBA has an internal 5kΩ pull-up resistor to VDDA.
9, 15
9, 15
GNDB
-
Cable-Side Ground. GNDB is the ground reference for the internal LDO, the
DEM output, and the Profibus/RS-485 bus signals.
10
-
DEM
GNDB
Driver Enable Monitor Output. DEM is high when the transmitter is enabled.
See the Function Tables for more information.
14
10, 14
N.C.
-
No Connection. Not internally-connected.
11
11
VLDO
GNDB
LDO Power Input. Connect a minimum voltage of 4.68V to VLDO to power the
cable-side of the transceiver. Bypass VLDO to GNDB with both 0.1µF and 1µF
capacitors as close to the device as possible. To disable the internal LDO, leave
VLDO unconnected or connect to GNDB.
12
12
A
GNDB
Noninverting Receiver Input and Noninverting Driver Output
13
13
B
GNDB
Inverting Receiver Input and Inverting Driver Output
16
16
VDDB
GNDB
Cable-Side Power Input/Isolated LDO Power Output. Bypass VDDB to GNDB
with both 0.1µF and 1μF capacitor as close to the device as possible. VDDB
is the output of the internal LDO when power is applied to VLDO. When the
internal LDO is not used (VLDO is unconnected or connected to GNDB), VDDB
is the positive supply input for the cable-side of the IC.
MAX14941/MAX14942
5kV Isolated 20Mbps Half-Duplex PROFIBUS/
RS-485 Transceivers with ±35kV ESD Protection
www.maximintegrated.com
Maxim Integrated │ 13
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com