Electronic Components Datasheet Search
  English  ▼

X  

RS6 Datasheet(PDF) 1 Page - Recom International Power

Part # RS6
Description  Highest Power Density In SIP Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS6 Datasheet(HTML) 1 Page - Recom International Power

  RS6 Datasheet HTML 1Page - Recom International Power RS6 Datasheet HTML 2Page - Recom International Power RS6 Datasheet HTML 3Page - Recom International Power RS6 Datasheet HTML 4Page - Recom International Power RS6 Datasheet HTML 5Page - Recom International Power RS6 Datasheet HTML 6Page - Recom International Power RS6 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ECO-1
REV.: 2/2017
www.recom-power.com
6 Watt
SIP8
Single and Dual
Output
DC/DC Converter
Features
Regulated
Converters
• Highest Power Density In SIP Package
• 1.6kVDC/1 Minute Isolation
• Efficiency Up To 88%
• -40°C To +75°C Operating Temperature Range @ Full Load
• EN60950 And UL/EN62368-1 (pending) CB Report
• Industry Standard Pinout
RS6
EN60950-1 (pending)
EN62368-1 (pending)
UL62368-1 (pending)
EN55022 compliant
Description
The RS6 series offer very high power density (2.7W/cm³), wide input voltage range and an
industrial operating temperature range of -40°C to +75°C without derating. High efficiency, tight
regulation, 2kVDC isolation and remote on/off are just some of the characteristics of this advanced
SIP8 6W converter which is ideal for high density power supply designs in demanding industrial
applications.
3 YEAR
warranty
3
Selection Guide
Part
nom. Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
RS6-053.3S
5
3.3
1300
83
6600
RS6-0505S
5
5
1200
86
3300
RS6-0512S
5
12
500
87
1600
RS6-0515S
5
15
400
86
1400
RS6-0505D
5
±5
±600
84
±2000
RS6-0512D
5
±12
±250
87
±900
RS6-0515D
5
±15
±200
86
±660
RS6-123.3S
12
3.3
1300
81
6600
RS6-1205S
12
5
1200
86
3300
RS6-1212S
12
12
500
87
1600
RS6-1215S
12
15
400
87
1400
RS6-1205D
12
±5
±600
85
±2000
RS6-1212D
12
±12
±250
87
±900
RS6-1215D
12
±15
±200
87
±660
RS6-243.3S
24
3.3
1300
81
6600
RS6-2405S
24
5
1200
87
3300
RS6-2412S
24
12
500
87
1600
RS6-2415S
24
15
400
87
1400
RS6-2405D
24
±5
±600
85
±2000
RS6-2412D
24
±12
±250
87
±900
RS6-2415D
24
±15
±200
87
±660
RS6-483.3S
48
3.3
1300
81
6600
RS6-4805S
48
5
1200
87
3300
RS6-4812S
48
12
500
87
1600
RS6-4815S
48
15
400
88
1400
RS6-4805D
48
±5
±600
85
±2000
RS6-4812D
48
±12
±250
87
±900
RS6-4815D
48
±15
±200
88
±660
Notes:
Note1: Efficiency tested at nominal input and full load at +25°C ambient.
Note2: Max Cap Load tested at minimum input and constant resistor load.


Similar Part No. - RS6

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
RS6 CHENG-YI-RS6 Datasheet
127Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Nichicon corporation
RS6 NICHICON-RS6 Datasheet
684Kb / 2P
Miniature Sized, High Capacitance
logo
RSG Electronic Componen...
RS6-0503R30AX RSG-RS6-0503R30AX Datasheet
112Kb / 3P
3.0 Watt regulated single output
RS6-0505R30AX RSG-RS6-0505R30AX Datasheet
112Kb / 3P
3.0 Watt regulated single output
RS6-0507R30AX RSG-RS6-0507R30AX Datasheet
112Kb / 3P
3.0 Watt regulated single output
More results

Similar Description - RS6

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
MCWI03 MINMAX-MCWI03 Datasheet
700Kb / 4P
DC/DCCONVERTER 3W High Power Density in SIP-8 Package
logo
Total Power Internation...
MA03 TOTAL-POWER-MA03 Datasheet
406Kb / 4P
High Power Density, 3W in SIP-7 Package
MCW03 TOTAL-POWER-MCW03 Datasheet
695Kb / 4P
High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
High Power Density in SIP-8 Package
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
High Power Density in SIP-8 Package
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
High Power Density in SIP-9 Package
MJW25 TOTAL-POWER-MJW25 Datasheet
539Kb / 10P
Highest Power Density
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
High Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com