Electronic Components Datasheet Search
  English  ▼

X  

RS6 Datasheet(PDF) 5 Page - Recom International Power

Part # RS6
Description  Highest Power Density In SIP Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS6 Datasheet(HTML) 5 Page - Recom International Power

  RS6 Datasheet HTML 1Page - Recom International Power RS6 Datasheet HTML 2Page - Recom International Power RS6 Datasheet HTML 3Page - Recom International Power RS6 Datasheet HTML 4Page - Recom International Power RS6 Datasheet HTML 5Page - Recom International Power RS6 Datasheet HTML 6Page - Recom International Power RS6 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range (5)
without derating (see graph)
-40°C to +75°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.02%/°C
Operating Humidity
non-condensing
5% - 95% RH max.
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
1776 x 103 hours
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety (LVD)
pending
EN60950-1, 2nd Endition AM2 , 2013
Audio/video, information and communication technology equipment - Safety requirements
(CB Scheme)
pending
EN62368-1, 2014
UL62368-1, 2nd Edition, 2014
CAN/CSA C22.2 No. 62368-1-14, 2014
RoHS2
RoHS-2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance characteristics - Limits and
methods of measurement
with external filter
(see filter suggestions)
EN55022, Class A
EN55022, Class B
continued on next page
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
RS6
Series
ECO-5
REV.: 2/2017
www.recom-power.com
100
80
70
60
40
20
0
-40
0
60
40
20
-20
100
85
75
120
80
Ambient Temperature [°C]
Safe Operating Area
Notes:
Note5: Derating Graph is referring to RS6-0505S. For more details, please contact our technical support service at TechsupportAT@recom-power.com.
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
below 100m
Ω
continuous, automatic revovery
Over Load Protection (OLP)
150% load, continuous, autmatic recovery
Isolation Voltage
I/P to O/P
tested for 1 second
rated for 1 minute
2kVDC
1.6kVDC
Isolation Capacitance
110pF max.
Isolation Resistance
1G
Ω typ.
Isolation Grade
Functional
Derating Graph
(@ Chamber and natural convection 0.1m/s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com