Electronic Components Datasheet Search
  English  ▼

X  

RS6 Datasheet(PDF) 4 Page - Recom International Power

Part # RS6
Description  Highest Power Density In SIP Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS6 Datasheet(HTML) 4 Page - Recom International Power

  RS6 Datasheet HTML 1Page - Recom International Power RS6 Datasheet HTML 2Page - Recom International Power RS6 Datasheet HTML 3Page - Recom International Power RS6 Datasheet HTML 4Page - Recom International Power RS6 Datasheet HTML 5Page - Recom International Power RS6 Datasheet HTML 6Page - Recom International Power RS6 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
REGULATIONS
Parameter
Condition
Values
Output Accuracy
±1.0% typ.
Line Regulation
low line to high line
±0.2% typ.
Load Regulation
0% to 100% load
±1.0% typ.
Cross Regulation
25% to 100% load
±5.0% typ.
Transient Response
25% load step change
500µs typ.
RS6
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-4
REV.: 2/2017
www.recom-power.com
Accuracy vs Load
RS6-1205S
RS6-2405S
9Vin
12Vin
15Vin
18Vin
18Vin
24Vin
30Vin
36Vin
Output Load [A]
0
0.1
0.2
0.15
0.25
0.3
0.4
0.35
0.5
0.45
0.5
1.0
1.2
Output Load [A]
0
-0.2
-0.25
-0.1
-0.15
-0.05
0
0.1
0.05
0.2
0.15
0.5
1.0
1.2
RS6-xx03.3S
RS6-xx05S
RS6-xx12S
RS6-xx15S
Trim down
-1
-2
-3
-4
-5
-6
-7
-8
%
Vout =
3.267
3.234
3.201
3.168
3.135
3.102
3.069
3.036 Volts
Rdown =
643.60
355.96
233.75
166.13
123.19
93.52
71.78
55.17 kOhms
Trim down
-1
-2
-3
-4
-5
-6
-7
-8
%
Vout =
4.95
4.90
4.85
4.80
4.75
4.70
4.65
4.60
Volts
Rdown =
451.00
201.00
117.67
76.00
51.00
34.33
22.43
13.50 kOhms
Trim down
-1
-2
-3
-4
-5
-6
-7
-8
%
Vout =
11.88
11.76
11.64
11.52
11.40
11.28
11.16
11.04 Volts
Rdown =
2902.33 1398.17 896.78
646.08
495.67
395.39
323.76
270.04 kOhms
Trim down
-1
-2
-3
-4
-5
-6
-7
-8
%
Vout =
14.85
14.70
14.55
14.40
14.25
14.10
13.95
13.80 Volts
Rdown =
4048.67 1965.33 1270.89 923.67
715.33
576.44
477.24
402.83 kOhms
Trim down:
Vout = 5V,
DVout = -0.4V (-8%), Vref= 2.5V
b =
q[5V+(-0.4V)] -2.5Vr*10kΩ= 8.4kΩ
2.5V
Rdown =
q8.4kΩ*10kΩr- 39kΩ=13.5kΩ
10k
Ω - 8.4kΩ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com