Electronic Components Datasheet Search
  English  ▼

X  

IR3312 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3312
Description  PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3312 Datasheet(HTML) 4 Page - International Rectifier

  IR3312 Datasheet HTML 1Page - International Rectifier IR3312 Datasheet HTML 2Page - International Rectifier IR3312 Datasheet HTML 3Page - International Rectifier IR3312 Datasheet HTML 4Page - International Rectifier IR3312 Datasheet HTML 5Page - International Rectifier IR3312 Datasheet HTML 6Page - International Rectifier IR3312 Datasheet HTML 7Page - International Rectifier IR3312 Datasheet HTML 8Page - International Rectifier IR3312 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IR3312(S)
4
WWW.IRF.COM
Functional Block Diagram
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Ratio
I load / IIfb current ratio
2,400
2,800
3,300
—
Tj = 25oC ,Rfb = 500
Ω,
I = 30A
Ratio_TC
Iload/Ifb variation over temperature
-5
0
+5
%
Tj = -40 T0 +150oC
offset
Load current diagnostic offset
-0.45
0
0.45
A
I = 2A
Trst
Ifb response time (low signal)
—
5
15
µs
90% of the I load step
Current Sense Characteristics
4mA
70V
active clamp
disconnection
-
+
charge
pump
fast turn-off
driver
-
+
4V
reverse
battery
protection
Tj > 165 °C
I out > 30 A
IN
Ifb
OUT
VCC
On/Off
Set
Reset
latch
-
+
Q
timer
1.5 ms
timer
300 us
Wait
33V
Min. pulse
80
Ω
70V
33V
33V
43V
36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com