Electronic Components Datasheet Search
  English  ▼

X  

IR3312 Datasheet(PDF) 5 Page - International Rectifier

Part # IR3312
Description  PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3312 Datasheet(HTML) 5 Page - International Rectifier

  IR3312 Datasheet HTML 1Page - International Rectifier IR3312 Datasheet HTML 2Page - International Rectifier IR3312 Datasheet HTML 3Page - International Rectifier IR3312 Datasheet HTML 4Page - International Rectifier IR3312 Datasheet HTML 5Page - International Rectifier IR3312 Datasheet HTML 6Page - International Rectifier IR3312 Datasheet HTML 7Page - International Rectifier IR3312 Datasheet HTML 8Page - International Rectifier IR3312 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IR3312(S)
WWW.IRF.COM
5
Vcc
10 %
Td on
Tr1
Vcc-Vout
Vcc-Vin
90%
Tr2
DV/dt(on)
5V
Figure 1 - Voltages and currents definitions
Figure 2 - Switching time definitions (turn-on)
IR3312
Vcc-Vin
Vcc-Vin max
Vcc-Vin1 max
Vcc-Vin (op)
Vih
Vil
Vhys
Iin
Iin max
Iin1,2
Iin(on)
Vcc-Vout
Vcc-Vout max
Vclamp1
Vclamp2
Iout
Iout max
-Ids cont.
-Ids pulsed
Iout 85°C
Isd
Iq
Vcc
In
Out
Ifb
VIfb
Ifb
Lead Assignments
Part Number
1 2 3 4 5
5 Lead - TO220
IR3312
3 (Vcc)
5 Lead - D2PAK (SMD220)
IR3312S
3 (Vcc)
1 2 3 4 5
1 - In
2 - Ifb
3 - Vcc (tab)
4 - NC
5 - Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com