Electronic Components Datasheet Search
  English  ▼

X  

IR3312 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3312
Description  PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3312 Datasheet(HTML) 1 Page - International Rectifier

  IR3312 Datasheet HTML 1Page - International Rectifier IR3312 Datasheet HTML 2Page - International Rectifier IR3312 Datasheet HTML 3Page - International Rectifier IR3312 Datasheet HTML 4Page - International Rectifier IR3312 Datasheet HTML 5Page - International Rectifier IR3312 Datasheet HTML 6Page - International Rectifier IR3312 Datasheet HTML 7Page - International Rectifier IR3312 Datasheet HTML 8Page - International Rectifier IR3312 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
• Load current feedback
• Programmable over current shutdown
• Active clamp
• E.S.D protection
• Input referenced to Vcc
• Over temperatue shutdown
• Reverse battery protection
IR3312(S)
Data Sheet No.PD60211 rev.D
Description
The IR 3312(S) is a Fully Protected 4 terminal high side switch.
The input signal is referenced to Vcc. When the input voltage
Vcc - Vin is higher than the specified Vih threshold, the output
power MOSFET is turned-on. When Vcc - Vin is lower than
the specified Vil threshold, the output MOSFET is turned-off.
A sense current proportional to the current in the power Mosfet
is sourced to the Ifb pin. Over-current shutdown occurs when
Vifb - Vin > 4.5 V. The current shutdown threshold is adjusted
by selecting the proper RIfb. Either over-current and over-tem-
perature latches off the switch. The device is reset by pulling
the input pin high. Other integrated protections ( ESD, reverse
battery, active clamp ) make the IR3312(S) very rugged and
suitable for the automotive environment.
Typical Connection
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
Product Summary
Rds(on)
20m
Ω
Vcc.op.
6 to 28V
Current ratio
2800
Ishutdown
3 to 30A
Active clamp
35V
Load Dump
40V
Package
www.irf.com
1
VCC
OUT
IN
IR 3312
LOAD
Battery
Power
Ground
System
Ground
off
on
Ifb
10 k
RIfb
5 Lead TO220
IR3312
5 Lead
D2Pak (SMD220)
IR3312S


Similar Part No. - IR3312

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3312S IRF-IR3312S Datasheet
332Kb / 13P
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
More results

Similar Description - IR3312

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3310S IRF-IR3310S Datasheet
320Kb / 12P
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
IR3311 IRF-IR3311 Datasheet
309Kb / 12P
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
IR3313PBF IRF-IR3313PBF Datasheet
778Kb / 10P
PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313S IRF-IR3313S Datasheet
821Kb / 11P
PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313STRLPBF IRF-IR3313STRLPBF Datasheet
253Kb / 12P
PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3313 IRF-AUIR3313 Datasheet
596Kb / 16P
PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3312S IRF-IR3312S Datasheet
332Kb / 13P
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
AUIR3314 IRF-AUIR3314_15 Datasheet
301Kb / 16P
PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315_15 Datasheet
289Kb / 16P
PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3314 INFINEON-AUIR3314 Datasheet
301Kb / 16P
PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2010 revision E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com