Electronic Components Datasheet Search
  English  ▼

X  

IR20153SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR20153SPBF
Description  HIGH SIDE DRIVER WITH RECHARGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR20153SPBF Datasheet(HTML) 3 Page - International Rectifier

  IR20153SPBF Datasheet HTML 1Page - International Rectifier IR20153SPBF Datasheet HTML 2Page - International Rectifier IR20153SPBF Datasheet HTML 3Page - International Rectifier IR20153SPBF Datasheet HTML 4Page - International Rectifier IR20153SPBF Datasheet HTML 5Page - International Rectifier IR20153SPBF Datasheet HTML 6Page - International Rectifier IR20153SPBF Datasheet HTML 7Page - International Rectifier IR20153SPBF Datasheet HTML 8Page - International Rectifier IR20153SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.irf.com
3
IR20153S & (PbF)
Electrical Characteristics
Unless otherwise specified, VCC = 5V, VBS = 7V, VS = 0V, IN = 0V, RES = 5V, load R = 50Ω, C = 6.8nF (see Figure 3).
Unless otherwise noted, these specifications apply for an operating ambient temperature of TA =25°C.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VCCUV+
VCC supply undervoltage positive going threshold
——
4.3
VCC rising from 0V
VCCUV-
VCC supply undervoltage negative going threshold
2.5
—
—
VCC dropping
from 5V
VCCUVHYS
VCC supply undervoltage lockout hysteresis
0.01
0.3
0.60
IQCC
VCC supply current
——
400
uA
VCC = 3.6V & 6.5V
VBSUV+VBS supply undervoltage positive going threshold
——
4.3
V
VBS rising from 0V
VBSUV-VBS supply undervoltage negative going threshold
2.5
——
VBS dropping
from 5V
VBSUVHYS
VBS supply undervoltage lockout hysteresis
0.01
0.3
0.60
IQBS1
VBS supply current
——
100
µA
static mode, VBS =
7V, IN = 0V or 5V
IQBS2
VBS supply current
——
200
µA
static mode, VBS =
16V, IN = 0V or 5V
ILK
Offset supply leakage current
——
50
µAVB = VS = 150V
Io+1
Peak output source current
250
400
—
mA
Io+2
Peak output source current
800
1500
—
mA
VBS = 16V
tr1
Output rise time
—
0.2
0.4
µsec
tr2
Output rise time
—
0.1
0.2
µsec
VBS = 16V
Io-1
Peak output sink current
250
400
—
mA
IN = 5V
Io-2
Peak output sink current
800
1500
—
mA
VBS = 16V, IN = 5V
tf1
Output fall time
—
0.2
0.4
µsec
IN = 5V
tf2
Output fall time
—
0.1
0.2
µsec VBS = 16V, IN = 5V
ton
Input-to-Output Turn-on propogation delay
—
1.0
2.0
µsec
(50% input level to 10% output level)
toff
Input-to-Output Turn-off propogation delay
—
0.3
0.9
µsec
(50% input level to 90% output level)
tres,off
RES-to-Output Turn-off propogation delay
—
0.3
0.9
µsec
(50% input level to 90% [tphl] output levels)
V
VBS Supply Characteristics
VB. VS Supply Characteristics
Gate Driver Characteristics
VCC Supply Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com